Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCDCLASSII Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCDCLASSII
Description  Ceramic Disc Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCDCLASSII Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCDCLASSII Datasheet HTML 1Page - NIC-Components Corp. NCDCLASSII Datasheet HTML 2Page - NIC-Components Corp. NCDCLASSII Datasheet HTML 3Page - NIC-Components Corp. NCDCLASSII Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
NCD Series Class II/III
GENERAL PURPOSE, HI-K
(DIELECTRIC CONSTANT Class II/III) TYPE
FEATURES
• WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
• HIGH INSULATION RESISTANCE
• EXCELLENT HIGH FREQUENCY CHARACTERISTICS
• ECONOMICALLY PRICED
• AVAILABLE WITH FORMED LEADS AND ON TAPE FOR AUTOMATIC
..INSERTION
SPECIFICATIONS
* Special low dissipation factor (1.0% max.) Y5F and Y5P dielectrics are also available.
Contact NIC for availability.
Temperature
Characteristics
Y5F
Y5P
Z5U
Z5V
Operating
Temperature Range
-30°C ~ +85°C
-30°C ~ +85°C
+10°C ~ +85°C
+10°C ~ +85°C
Capacitance Range
100pF ~ 0.01
μF 100pF ~ 0.022μF 0.001μF ~ 0.01μF 0.001μF ~ 0.1μF
Standard Tolerance
±10% (K)
±10% (K)
±20% (M)
+80%/-20% (Z)
Capacitance Change Over
Temperature Range
±7.5%
±10%
-55% ~ +22
-82% ~ +22%
Dissipation Factor
2.5%*
2.5%*
5%
5%
Insulation Resistance
Minimum 10,000 Megohms
Working Voltage Range
50Vdc ~ 1KVdc
Dielectric Withstanding
Voltage (Test Voltage)
2.5 Times Rated Voltage For Not Less Than 1 Second, 50mA Maximum
Load Life
Test @ 85°C
1,000 Hours
Cap. Change
±10%
±10%
±20%
±30%
D.F. (max.)
4%
4%
7.5%
7.5%
I.R. (min.)
1,000 Megohms
Test Conditions
1KHz, 1.0V ±02Vrms
1KHz, 0.5V ± 0.1Vrms
*See Part Number System for Details


Similar Part No. - NCDCLASSII

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCDCLASSIII NIC-NCDCLASSIII Datasheet
129Kb / 4P
NCDClassIII
More results

Similar Description - NCDCLASSII

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
Disc Ceramic Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com