Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEDZP Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEDZP
Description  Power Back-Up Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEDZP Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEDZP Datasheet HTML 1Page - NIC-Components Corp. NEDZP Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Power Back-Up Capacitors
NEDZP Series
NIC P/N
Case Size
(mm)
Lead-Space
(mm)
Capacitance
(F)
Voltage
(Vdc)
Max. Leakage Current
(mA)
ESR @ 1KHz
Typ.
Max.
NEDZP474Z5V8.5X16AF
8.5X17X16
5.1
0.47
5.0
0.2mA @ 24 hours
600m
Ω
2.0
Ω
NEDZP474Z5V8.5X16BF
12.1
NEDZP105Z5V8.5X24AF
8.5X17X24
5.1
1.0
5.0
0.3mA @ 24 hours
250m
Ω
1.0
Ω
NEDZP105Z5V8.5X24BF
12.1
NEDZP155Z5V8.5X24AF
8.5X17X24
5.1
1.5
5.0
0.4mA @ 24 hours
250m
Ω
1.0
Ω
NEDZP155Z5V8.5X24BF
12.1
NEDZP335Z5V10.5X34AF
10.5X21X34
5.5
3.3
5.0
0.8mA @ 24 hours
100m
Ω
0.4
Ω
NEDZP335Z5V10.5X34BF
15.5
NEDZP475Z5V10.5X39AF
10.5X21X39
5.5
4.7
5.0
1.0mA @ 24 hours
80m
Ω
0.4
Ω
NEDZP475Z5V10.5X39BF
15.5
Rated Voltage Range
5.0VDC
Rated Capacitance Range
0.47F ~ 4.7F (470,000
μF ~ 4,700,000μF)
Operating Temp. Range
-25°C ~ +70°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ 70°C
1,000 hours
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
Temperature Characteristics
-25°C & +70°C
Δ Capacitance Change
Within ±30% of 20°C value
Maximum ESR
500% of 20°C value
Shelf Life @ +70°C
(1,000 hours)
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
FEATURES
• HIGH CAPACITANCE FOR POWER BACK-UP
• AVAILABLE IN HIGH VOLTAGE, SERIES CONNECTED MODULE*
(TWO OR MORE DEPENDING ON VOLTAGE REQUIREMENT)
• SUITABLE FOR FLOW SOLDERING
• LEAD-FREE FINISH
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
RoHS
Compliant
includes all homogeneous materials
Super Capacitor
Super Capacitor
Application Guide
Application Guide
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
NEDZP 475 Z 5V 10.5X39 A F
RoHS Compliant
Lead-space Option
(see Standard Values and Specifications table)
Size in mm
Working Voltage
Tolerance Code Z = +80%/-20%
Capacitance Code in
μF, first 2 digits are significant,
third digit is no. of zeros
Series
PART NUMBER SYSTEM
*Contact NIC for information on ordering series connected, high voltage parts.


Similar Part No. - NEDZP

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z2.5V8X12F NIC-NEDZ105Z2.5V8X12F Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z2.7V8X12F NIC-NEDZ105Z2.7V8X12F Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z25V8X12F NIC-NEDZ105Z25V8X12F Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
More results

Similar Description - NEDZP

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXA NIC-NEXA Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
Memory Back-Up Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com