Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEXT Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEXT
Description  Memory Back-Up Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEXT Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEXT Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Memory Back-Up Capacitors
NEXT Series
NIC P/N
Capacitance Value (F)
Charge Discharge
Rated Voltage
(VDC)
Max. Current @
30 minutes (mA)
Max. ESR @
1KHz (
Ω)
Typical DCR
(
Ω)
NEXT104Z5.5V11.5X8.5F
0.10
0.14
5.5
< 0.15
<16
23
NEXT224Z5.5V14.5X12F
0.22
0.28
5.5
<0.33
<10
16
NEXT474Z5.5V16.5X13F
0.47
0.60
5.5
<0.71
<6.5
5.4
NEXT105Z5.5V21.5X13F
1.0
1.3
5.5
<1.5
<3.5
2.9
NEXT225Z5.5V28.5X14F
2.2
2.8
5.5
<3.3
<1.8
2.1
NEXT335Z5.5V36.5X15F
3.3
4.2
5.5
<5.0
<1.0
1.3
NEXT565Z5.5V44.5X17F
5.6
7.2
5.5
<8.4
<0.6
0.8
Rated Voltage Range
5.5VDC
Rated Capacitance Range
0.1F ~ 5.6F (100,000
μF ~ 5,600,000μF)
Operating Temp. Range
-40°C ~ +85°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ 85°C
1,000 hours
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 200% of the specified maximum value
Current at 30 minutes
Less than 200% of the specified maximum value
Temperature Cycling
(5 cycles, -40 ~ +85°C
Δ Capacitance Change
Within +80%/-20% of specified value
Maximum ESR
Less than specified maximum value
Current at 30 minutes
Less than specified maximum value
Humidity Resistance
(240 hours @ 40°C/90% RH)
Δ Capacitance Change
Less than ±20% of initial measured value
Maximum ESR
Less than 120% of the specified maximum value
Current at 30 minutes
Less than 120% of the specified maximum value
NIC P/N
DIMENSIONS (mm)
DH
S
LL
d1
d2
NEXT104Z5.5V11.5X8.5F
11.5
8.5
5.08
4.1 ± 1.0
0.4
1.2
NEXT224Z5.5V14.5X12F
14.5
12.0
5.08
3.4 ± 1.0
0.4
1.2
NEXT474Z5.5V16.5X13F
16.5
13.0
5.08
5.1 ± 1.0
0.4
1.2
NEXT105Z5.5V21.5X13F
21.5
13.0
7.62
4.5 ± 1.5
0.6
1.2
NEXT225Z5.5V28.5X14F
28.5
14.0
10.16
8.0 ± 1.5
0.6
1.4
NEXT335Z5.5V36.5X15F
36.5
15.0
15.0
8.7 ± 2.0
0.6
1.7
NEXT565Z5.5V44.5X17F
44.5
17.0
20.0
7.5 ± 2.0
1.0
1.4
FEATURES
• SMALLER THAN NEXA SERIES
• DOUBLE LAYER CONSTRUCTION
• SHORT TERM POWER SOURCE (UP TO 50mA)
• SUITABLE FOR FLOW SOLDERING
• LEAD-FREE FINISH
CHARACTERISTICS
STANDARD VALUES AND SPECIFICATIONS
CASE DIMENSIONS (mm)
TERMINATION FINISH:
Pb-FREE (99%Sn/1%Cu)
+
-
H max.
S ±0.5
D ±0.5
LL
0.3mm m
in.
d1 ±0.1
d2 ±0.1
+
-
Super Capacitor
Super Capacitor
Application Guide
Application Guide
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NEXT

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
NEXT-GENERATION-FIREWALL JUNIPER-NEXT-GENERATION-FIREWALL Datasheet
245Kb / 5P
NEXT-GENERATION FIREWALL SERVICES
More results

Similar Description - NEXT

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXA NIC-NEXA Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
Memory Back-Up Capacitors
NEZX NIC-NEZX Datasheet
139Kb / 3P
Memory Back-Up Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com