Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-2438-TT-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AI-2438-TT-R
Description  REVISED HEIGHT DIMENSION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AI-2438-TT-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AI-2438-TT-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
AI-2438-TT-R
J.A.F.
E.P.
B.R.
1/29/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
1/5/2006
Date
1/5/2006
Date
1/5/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
AI-2438-TT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
1/5/2006
A
REVISED HEIGHT DIMENSION
10/25/2007
R.W.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE & HEIGHT
1/29/2008
B.R.
C
REVISED RATED CURRENT
9/6/13
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vdc
OPERATING VOLTAGE RANGE
8 ~ 18
Vdc
RATED CURRENT (MAX)
12
mA
MINIMUM SPL @ 10 CM
95
dBA
RESONANT FREQUENCY
3,800
500
Hz
TONE OR PULSE RATE
CONTINUOUS
0 pulse/sec
OPERATING TEMPERATURE
-30 ~ +85
C
STORAGE TEMPERATURE
-40 ~ +95
C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
Sn PLATED
BRONZE
-
WEIGHT
4
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
24
6.6
0.4 SOUND
EMISSION HOLE
17.2
0.5
5
15
0.8
0.1 (2)


Similar Part No. - AI-2438-TT-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AI-2438-TT-R PUIAUDIO-AI-2438-TT-R Datasheet
537Kb / 3P
24mm diameter self-drive indicator
More results

Similar Description - AI-2438-TT-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-1622-TWT-5V-R PUI-AI-1622-TWT-5V-R Datasheet
175Kb / 1P
REVISED RoHS STATEMENT
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
AOW-4542P-B-R PUI-AOW-4542P-B-R Datasheet
172Kb / 1P
REVISED IP RATING
APS2709S-T-R PUI-APS2709S-T-R Datasheet
187Kb / 1P
REVISED DIMENSIONS
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
REVISED BODY DIMENSION
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
REVISED BODY DIMENSION
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
REVISED RESONANT FREQUENCY
AT-1820-TWT-1V-R PUI-AT-1820-TWT-1V-R Datasheet
187Kb / 1P
REVISED PART HEIGHT DIMENSION
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
REVISED AND REDRAWN
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
REVISED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com