Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-4028-P-SP32-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AI-4028-P-SP32-R
Description  REVISED VOLTAGE RANGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AI-4028-P-SP32-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AI-4028-P-SP32-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
AI-4028-P-SP32-R
J.D.
E.P.
R.W.
2/25/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
7/10/2006
Date
7/10/2006
Date
7/10/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AI-4028-P-SP32-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
7/10/2006
A
REVISED VOLTAGE RANGE
1/28/2008
B.R.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
2/25/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vdc
OPERATING VOLTAGE RANGE
4 ~ 32
Vdc
RATED CURRENT (MAX)
9mA
MINIMUM SPL @ 10 CM
98
dBA
RESONANT FREQUENCY
2,800 ± 500
Hz
TONE OR PULSE RATE
SLOW PULSE
1.5 pulse /sec
OPERATING TEMPERATURE
-20 ~ +60
°C
STORAGE TEMPERATURE
-30 ~ +60
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
Sn PLATED BRONZE
-
WEIGHT
16
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
40
8.2
7.15
8.4
18.9
23
38.5
40
6.35
4.75
6.1
n33.6


Similar Part No. - AI-4028-P-SP32-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AI-4028-P-SP32-R PUIAUDIO-AI-4028-P-SP32-R Datasheet
255Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AI-4028-P-SP32-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-1622-TWT-5V-R PUI-AI-1622-TWT-5V-R Datasheet
175Kb / 1P
REVISED RoHS STATEMENT
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
AOW-4542P-B-R PUI-AOW-4542P-B-R Datasheet
172Kb / 1P
REVISED IP RATING
AOW-4544L-C3310-B-R PUI-AOW-4544L-C3310-B-R Datasheet
167Kb / 1P
REVISED IP RATING
APS2709S-T-R PUI-APS2709S-T-R Datasheet
187Kb / 1P
REVISED DIMENSIONS
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
REVISED BODY DIMENSION
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
REVISED BODY DIMENSION
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
REVISED RESONANT FREQUENCY
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
REVISED AND REDRAWN
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
REVISED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com