Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-4033-TWT-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AI-4033-TWT-R
Description  REVISED OPERATING & STORAGE TEMPERATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AI-4033-TWT-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AI-4033-TWT-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
AI-4033-TWT-R
B.R.
B.R.
E.P.
2/27/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
4/12/2006
Date
4/12/2006
Date
4/12/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AI-4033-TWT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
4/12/2006
A
REVISED OPERATING & STORAGE TEMPERATURE
6/8/2009
B.R.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
2/27/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vdc
OPERATING VOLTAGE RANGE
3 ~ 20
Vdc
RATED CURRENT (MAX)
8mA
MINIMUM SPL @ 10 CM
95
dBA
RESONANT FREQUENCY
3.300 ± 500
Hz
TONE OR PULSE RATE
CONTINUOUS
0 pulse /sec
OPERATING TEMPERATURE
-30 ~ +85
°C
STORAGE TEMPERATURE
-40 ~ +95
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
Au PLATED BRONZE
-
WEIGHT
8
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
40
n3.8 SOUND
EMISSION HOLE
40
n1.3 (3)
6.35
8.1
22
4.6
25.4
7.3
REMOVABLE
WASH TAB


Similar Part No. - AI-4033-TWT-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AI-4033-TWT-R PUIAUDIO-AI-4033-TWT-R Datasheet
191Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AI-4033-TWT-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A_09 Datasheet
666Kb / 4P
Zener Diodes Operating and Storage Temperature Range -65 to 200
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Projects Unlimited, Inc...
AI-4228-TF-LW140-C-R PUI-AI-4228-TF-LW140-C-R Datasheet
227Kb / 1P
REVISED TEMPERATURE SPECIFICATIONS
AI-4429-P-C12-R PUI-AI-4429-P-C12-R Datasheet
206Kb / 1P
REVISED OPERATING TEMPERATURE
logo
Shoulder Electronics Li...
HDBF11535A21 SHOULDER-HDBF11535A21 Datasheet
178Kb / 8P
Storage Temperature Range
HDF798ATS4 SHOULDER-HDF798ATS4 Datasheet
210Kb / 8P
Storage Temperature Range
HDV15300323301 SHOULDER-HDV15300323301 Datasheet
188Kb / 3P
Storage Temperature Range
logo
Wurth Elektronik GmbH &...
74406032010 WURTH-74406032010 Datasheet
324Kb / 5P
Storage Temperature
logo
JIEJIE MICROELECTRONICS...
JCT825I JIEJIE-JCT825I Datasheet
273Kb / 4P
Storage junction temperature range
logo
Laird Tech Smart Techno...
CM7060W101R-10 LSTD-CM7060W101R-10 Datasheet
161Kb / 1P
STORAGE TEMPERATURE RANGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com