Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-4429-P-C12-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AI-4429-P-C12-R
Description  REVISED OPERATING TEMPERATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AI-4429-P-C12-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AI-4429-P-C12-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
AI-4429-P-C12-R
J.D.
E.P.
B.R.
7/9/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
5/16/2006
Date
5/16/2006
Date
5/16/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AI-4429-P-C12-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
5/16/2006
A
REVISED OPERATING TEMPERATURE
6/24/2009
B.R.
B
REVISED TO INVETOR 3-D DRAWING TEMPLATE
7/9/2010
B.R.
C
REVISED PART HEIGHT DIMENSION
7/12/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vdc
OPERATING VOLTAGE RANGE
1 ~ 16
Vdc
RATED CURRENT (MAX)
30
mA
MINIMUM SPL @ 10 CM
105
dBA
RESONANT FREQUENCY
2,900 ± 500
Hz
TONE OR PULSE RATE
CONTINUOUS
0 pulse /sec
OPERATING TEMPERATURE
-25 ~ +75
°C
STORAGE TEMPERATURE
-30 ~ +80
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
Ni PLATED BRASS
-
WEIGHT
35
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
n34
n28.5
n43.5
21
8.5
12.5
6.5
7.3
0.8
30
0.8
9.5
33.5
n31


Similar Part No. - AI-4429-P-C12-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-4429-P-C12-2-R PUI-AI-4429-P-C12-2-R Datasheet
256Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
AI-4429-P-C12-2-R PUIAUDIO-AI-4429-P-C12-2-R Datasheet
256Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AI-4429-P-C12-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-4033-TWT-R PUI-AI-4033-TWT-R Datasheet
191Kb / 1P
REVISED OPERATING & STORAGE TEMPERATURE
AI-4228-TF-LW140-C-R PUI-AI-4228-TF-LW140-C-R Datasheet
227Kb / 1P
REVISED TEMPERATURE SPECIFICATIONS
logo
E-SWITCH
R4BBLKBLKGRNEF3 E-SWITCH-R4BBLKBLKGRNEF3 Datasheet
117Kb / 1P
OPERATING TEMPERATURE
logo
jb Capacitors Company
JFG JBCAPACITORS-JFG Datasheet
413Kb / 4P
Operating Temperature
JFK JBCAPACITORS-JFK Datasheet
237Kb / 1P
Operating Temperature
JFL JBCAPACITORS-JFL Datasheet
296Kb / 2P
Operating Temperature
logo
Wurth Elektronik GmbH &...
784787181 WURTH-784787181 Datasheet
590Kb / 7P
Operating Temperature
784787470 WURTH-784787470 Datasheet
590Kb / 7P
Operating Temperature
784787680 WURTH-784787680 Datasheet
590Kb / 7P
Operating Temperature
logo
Amphenol Corporation
P-MUSBR-2M5C-0X4BP AMPHENOL-P-MUSBR-2M5C-0X4BP Datasheet
48Kb / 1P
OPERATING TEMPERATURE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com