Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-4429-P-CP12-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AI-4429-P-CP12-R
Description  REVISED TO INVETOR 3-D DRAWING TEMPLATE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AI-4429-P-CP12-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AI-4429-P-CP12-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
AI-4429-P-CP12-R
J.D.
E.P.
B.R.
3/10/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
5/16/2006
Date
5/16/2006
Date
5/16/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AI-4429-P-CP12-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
5/16/2006
A
REVISED TO INVETOR 3-D DRAWING TEMPLATE
3/10/2008
B.R.
B
REVISED PART HEIGHT DIMENSION
7/13/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vdc
OPERATING VOLTAGE RANGE
4 ~ 16
Vdc
RATED CURRENT (MAX)
25/20
mA
MINIMUM SPL @ 10 CM
105/100
dBA
RESONANT FREQUENCY
2,900 ± 500
Hz
TONE OR PULSE RATE
CONTINUOUS/
SLOW PULSE
0 pulse /sec
1.5 pulse /sec
OPERATING TEMPERATURE
-20 ~ +60
°C
STORAGE TEMPERATURE
-30 ~ +70
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
Ni PLATED BRASS
-
WEIGHT
35
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
n43.5
n31
6.5
7.3
8.5
21
12.5
9.5
0.8
33.5
n28.5 n34
30
0.8
8
13.5
(-) FOR
PULSE TONE
(-) FOR
SINGLE TONE
(+) FOR PULSE
& SINGLE TONE


Similar Part No. - AI-4429-P-CP12-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-4429-P-CP12-2-R PUI-AI-4429-P-CP12-2-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
AI-4429-P-CP12-2-R PUIAUDIO-AI-4429-P-CP12-2-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AI-4429-P-CP12-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2835-TF-LW150-3-R PUI-AI-2835-TF-LW150-3-R Datasheet
209Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4228-P-SP120-R PUI-AI-4228-P-SP120-R Datasheet
191Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4328-P-C28-2-R PUI-AI-4328-P-C28-2-R Datasheet
231Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4328-P-C28-R PUI-AI-4328-P-C28-R Datasheet
223Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4328-P-C120D-R PUI-AI-4328-P-C120D-R Datasheet
233Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4328-P-C120-R PUI-AI-4328-P-C120-R Datasheet
224Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4328-P-FP250-R PUI-AI-4328-P-FP250-R Datasheet
238Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4329-P-FP28-R PUI-AI-4329-P-FP28-R Datasheet
219Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AT-0927-TT-2-R PUI-AT-0927-TT-2-R Datasheet
200Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-3425-TWT-R PUI-AT-3425-TWT-R Datasheet
220Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com