Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFR103 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSFR103
Description  1.0Amp. Surface Mount Ultra Fast Recovery Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSFR103 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSFR103 Datasheet HTML 1Page - Cystech Electonics Corp. CSFR103 Datasheet HTML 2Page - Cystech Electonics Corp. CSFR103 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C339SF
Issued Date : 2003.06.16
Revised Date :2007.08.24
Page No. : 1/3
CSFR10XSF
CYStek Product Specification
1.0Amp. Surface Mount Ultra Fast Recovery Diodes
CSFR10XSF Series
Features
• For surface mounted applications.
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, JEDEC SOD-123/Mini SMA.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Packaging: 12mm tape per EIA STD RS-481.
• Weight: 0.04 gram
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol CSFR
101
CSFR
102
CSFR
103
CSFR
104
CSFR
105
CSFR
106
CSFR
107
Units
Repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
V
Maximum DC blocking voltage
VR
50
100
200
300
400
600
800
V
Maximum instantaneous
forward voltage, IF=1A (Note 1)
VF
1
1
1
1.3
1.3
1.7
1.7
V
Reverse Recovery Time
trr
50
50
50
50
50
75
75
ns
Average forward rectified current
@TA=50℃
IO
1
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
30
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=125℃(Note 1)
IR
5
150
μA
μA
Maximum thermal resistance,
Junction to ambient
Rth,JA
42 (typ)
℃
/W
Diode junction capacitance (Note 2)
CJ
20 (typ)
pF
Storage temperature
Tstg
-55 ~ +150
℃
Operating temperature
TJ
-55 ~ +150
℃
Notes : 1. Pulse test, pulse width=300μsec, 2% duty cycle
2 . f=1MHz and applied 4.0VDC reverse voltage.


Similar Part No. - CSFR103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSFR19K51K500B1234 VISHAY-CSFR19K51K500B1234 Datasheet
105Kb / 2P
Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
07-Aug-14
CSFR19K51K500B1234 VISHAY-CSFR19K51K500B1234 Datasheet
92Kb / 2P
Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
07-Aug-14
CSFR19K55L000B1234 VISHAY-CSFR19K55L000B1234 Datasheet
105Kb / 2P
Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
07-Aug-14
CSFR19K55L000B1234 VISHAY-CSFR19K55L000B1234 Datasheet
92Kb / 2P
Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
07-Aug-14
CSFR19K5KB1234 VISHAY-CSFR19K5KB1234 Datasheet
92Kb / 2P
Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
07-Aug-14
More results

Similar Description - CSFR103

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CFR10XSA CYSTEKEC-CFR10XSA Datasheet
140Kb / 3P
1.0Amp. Surface Mount Fast Recovery Diodes
CFR10XSF CYSTEKEC-CFR10XSF Datasheet
140Kb / 3P
1.0Amp. Surface Mount Fast Recovery Diodes
logo
SeCoS Halbleitertechnol...
SMF101A SECOS-SMF101A Datasheet
204Kb / 2P
1.0AMP Surface Mount Fast Recovery Rectifiers
SMF101B SECOS-SMF101B Datasheet
234Kb / 2P
1.0AMP Surface Mount Fast Recovery Rectifiers
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1A DYELEC-FR1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1ANL DYELEC-US1ANL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com