Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW-4542P-B-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AOW-4542P-B-R
Description  REVISED IP RATING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AOW-4542P-B-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AOW-4542P-B-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-A ( 5 : 1 )
B-B ( 4 : 1 )
Microphone
AOW-4542P-B-R
J.D.
B.R.
R.W.
8/31/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
10/10/2006
Date
10/11/2006
Date
10/11/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AOW-4542P-B-R.idw
A3
SIZE
A
A
B
B
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
10/10/2006
A
REVISED IP RATING
6/30/2008
B.R.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
8/31/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
DIRECTIVITY
OMNI
-
SENSITIVTY
-42 ± 3
dB
STANDARD OPERATING VOLTAGE
1.5
Vdc
MAX OPERATING VOLTAGE
10
Vdc
CURRENT CONSUMPTION (MAX)
0.5
mA
IMPEDANCE
2.2
KOhm
SIGNAL TO NOISE RATIO (MIN.)
60
dB
TERMINAL
PIN
-
INTERNAL CAPACITOR
N/A
pF
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
4. PART IS IP57 RATED.
5. ASSYEMBLY IS WASHABLE WITH BOOT IN PLACE.
9.7
n`0.1
4.5
`0.2
5
11.5
n`0.1
3
n - 0
0.1
+
9.6
`0.1
n
6.2 - 0
0.1
+
5
`0.1
MICROPHONE
BOOT
ASSYEMBLY
2


Similar Part No. - AOW-4542P-B-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AOW-4542P-B-R PUIAUDIO-AOW-4542P-B-R Datasheet
343Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AOW-4542P-B-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
AOW-4544L-C3310-B-R PUI-AOW-4544L-C3310-B-R Datasheet
167Kb / 1P
REVISED IP RATING
AOW-4544P-C3310-B-R PUI-AOW-4544P-C3310-B-R Datasheet
185Kb / 1P
REVISED IP RATING
APS2709S-T-R PUI-APS2709S-T-R Datasheet
187Kb / 1P
REVISED DIMENSIONS
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
REVISED BODY DIMENSION
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
REVISED BODY DIMENSION
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
REVISED RESONANT FREQUENCY
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
REVISED AND REDRAWN
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
REVISED
logo
List of Unclassifed Man...
CI35P-30E240-C-10X ETC-CI35P-30E240-C-10X Datasheet
290Kb / 1P
Updated IP rating to IP68 from IP67.
5-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com