Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOM-6738P-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AOM-6738P-R
Description  ADDED TERMINAL POLARITY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AOM-6738P-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AOM-6738P-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Microphone
AOM-6738P-R
J.A.F.
E.P.
B.R.
1/30/2006
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
9/17/2010
Date
1/30/2006
Date
1/30/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AOM-6738P-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
1/30/2006
A
ADDED TERMINAL POLARITY
1/30/2007
R.W.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
9/17/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
DIRECTIVITY
OMINI
-
SENSITIVTY
-38 ± 3
dB
STANDARD OPERATING VOLTAGE
1.5
Vdc
MAX OPERATING VOLTAGE
10
Vdc
CURRENT CONSUMPTION (MAX)
0.5
mA
IMPEDANCE
2.2
KOhm
SIGNAL TO NOISE RATIO (MIN.)
60
dB
TERMINAL
PIN
-
INTERNAL CAPACITOR
N/A
pF
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
9.7
n`0.1
5
6.7
`0.2
2.5
`0.05
2
`0.02
TERM 2 (-)
TERM 1 (+)


Similar Part No. - AOM-6738P-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AOM-6738P-R PUIAUDIO-AOM-6738P-R Datasheet
265Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AOM-6738P-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
Projects Unlimited, Inc...
AI-2304-TT-24V-R PUI-AI-2304-TT-24V-R Datasheet
285Kb / 1P
ADDED BODY DIMENSION
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
ADDED TERMINAL POLARITY
AOM-6746L-R PUI-AOM-6746L-R Datasheet
2Mb / 1P
ADDED TERMINAL POLARITY
AT-1224-TWT-R PUI-AT-1224-TWT-R Datasheet
210Kb / 1P
ADDED RESONANT FREQUENCY TOLERANCE
logo
List of Unclassifed Man...
AP-CF128MK7ES-NR ETC2-AP-CF128MK7ES-NR Datasheet
199Kb / 22P
Value Added CompactFlash Series5
logo
Projects Unlimited, Inc...
SMT-0540-T-2-R PUI-SMT-0540-T-2-R Datasheet
209Kb / 1P
ADDED TERMINAL MATERIAL PLATING
logo
AZ Displays
AQM1056B AZDISPLAYS-AQM1056B Datasheet
116Kb / 1P
added ThreeBond 1530C
logo
Laird Tech Smart Techno...
MSD40NBT LSTD-MSD40NBT Datasheet
1Mb / 34P
Added PCM defaults
MSD50NBT LSTD-MSD50NBT Datasheet
1Mb / 38P
Added section numbering
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com