Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS2509S-T-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # APS2509S-T-R
Description  RELEASED FROM ENGINEERING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

APS2509S-T-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  APS2509S-T-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Speaker
APS2509S-T-R
J.D.
M.L.
B.R.
6/2/2011
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/2/2011
Date
6/15/2011
Date
6/15/2011
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
APS2509S-T-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
6/2/2011
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
5
Vrms
MAX INPUT POWER
16
Vp-p
OUTPUT SPL @ 5Vrms/10cm
(AT 1.0, 1.5, 2.0, 2.5 kHz)
75
dBA
RESONANT FREQUENCY
900 ± 20%
Hz
FREQUENCY RANGE
300 ~ 20,000
Hz
HOUSING MATERIAL
PCB
-
OPERATING TEMPERATURE
-20 ~ +70
°C
WEIGHT
0.64
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
©2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
10
0.1
2
2
1.1 Max.
16.6
0.1
14.2
4
0.1
25.2
0.1
FIXED LAYER
THICKNESS 0.5 mm
DOUBLE
SIDED TAPE
+
_


Similar Part No. - APS2509S-T-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A004G-AT ETC2-APS25M5A004G-AT Datasheet
261Kb / 19P
Serial ATA Flash Drive
APS25M5A004G-ATW ETC2-APS25M5A004G-ATW Datasheet
261Kb / 19P
Serial ATA Flash Drive
APS25M5A004G-PT ETC2-APS25M5A004G-PT Datasheet
362Kb / 19P
Serial ATA Flash Drive
APS25M5A004G-PTW ETC2-APS25M5A004G-PTW Datasheet
362Kb / 19P
Serial ATA Flash Drive
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
Serial ATA Flash Drive
More results

Similar Description - APS2509S-T-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT-2428-TWT-R ETC2-AT-2428-TWT-R Datasheet
202Kb / 1P
RELEASED FROM ENGINEERING
logo
Projects Unlimited, Inc...
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
RELEASED FROM ENGINEERING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com