Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS2709S-T-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # APS2709S-T-R
Description  REVISED DIMENSIONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

APS2709S-T-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  APS2709S-T-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Speaker
APS2709S-T-R
J.D.
M.L.
B.R.
8/5/2011
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/5/2011
Date
8/5/2011
Date
8/5/2011
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
APS2709S-T-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
8/5/2011
A
REVISED DIMENSIONS
11/29/2011
M.L.
B
REVISED MAX INPUT POWER,SPL,RES. FREQ.& HOUSING MAT. 12/15/2011
C.W.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
©2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
20.6
0.1
23
0.1
26.5
0.1
4
0.1
31.5
1.5
0.1
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
5
Vrms
MAX INPUT POWER
16
Vp-p
OUTPUT SPL @ 5Vrms/10cm
(AT 1.0, 1.5, 2.0, 2.5 kHz)
78
dBA
RESONANT FREQUENCY
1,000 ± 10%
Hz
FREQUENCY RANGE
300 ~ 20,000
Hz
HOUSING MATERIAL
PCB
-
OPERATING TEMPERATURE
-20 ~ +70
°C
WEIGHT
0.64
grams
+
_
14.5
0.1
3.5
0.1
2
0.1
21.3
0.1
0.5
0.02
ADHESIVE
THICKNESS


Similar Part No. - APS2709S-T-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
APS2714S-R PUI-APS2714S-R Datasheet
314Kb / 1P
Speaker
APS2718S-T-R PUI-APS2718S-T-R Datasheet
287Kb / 1P
Speaker
More results

Similar Description - APS2709S-T-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-1622-TWT-5V-R PUI-AI-1622-TWT-5V-R Datasheet
175Kb / 1P
REVISED RoHS STATEMENT
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
AI-4228-TF-LW140-R PUI-AI-4228-TF-LW140-R Datasheet
227Kb / 1P
REVISED PART No. AND DIMENSIONS
AOW-4542P-B-R PUI-AOW-4542P-B-R Datasheet
172Kb / 1P
REVISED IP RATING
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
REVISED BODY DIMENSION
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
REVISED BODY DIMENSION
AT-1425-TWT-R PUI-AT-1425-TWT-R Datasheet
245Kb / 1P
REVISED PART DIMENSIONS
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
REVISED RESONANT FREQUENCY
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
REVISED AND REDRAWN
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
REVISED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com