Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1007-13 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1007-13
Description  7-1 Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1007-13 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1007-13 Datasheet HTML 1Page - Dallas Semiconductor DS1007-13 Datasheet HTML 2Page - Dallas Semiconductor DS1007-13 Datasheet HTML 3Page - Dallas Semiconductor DS1007-13 Datasheet HTML 4Page - Dallas Semiconductor DS1007-13 Datasheet HTML 5Page - Dallas Semiconductor DS1007-13 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1007
4 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5.0V ± 5%)
PARAMETER
SYM
TEST
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.00
5.25
V
1
High Level Input
Voltage
VIH
2.2
VCC + 0.5
V
1
Low Level Input
Voltage
VIL
-0.5
0.8
V
1
Input Leakage
Current
II
0.0V
≤ V
I
≤ V
CC
-1.0
1.0
uA
Active Current
ICC
VCC=Max;
Period=Min.
40.0
70.0
mA
2
High Level Output
Current
IOH
VCC=Min.
VOH=2.4V
-1.0
mA
Low Level Output
Current
IOL
VCC=Min.
VOL=0.5V
12.0
mA
AC ELECTRICAL CHARACTERISTICS
(TA = 25°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Pulse Width
tWI
100% of tPLH
ns
Input to Output
(leading edge)
tPLH
Table 1
ns
3, 4, 5
Power-up Time
tPU
100
ms
7
Period
3 (tWI)ns
6
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com