Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS3008S-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # APS3008S-R
Description  RELEASED FROM ENGINEERING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

APS3008S-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  APS3008S-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Speaker
APS3008S-R
B.M.
M.L.
B.R.
10/25/2012
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
10/25/2012
Date
10/25/2012
Date
10/25/2012
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
APS3008S-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
1/17/2012
A
REVISED CONTACT PAD LAYOUT
10/27/2012
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT VOLTAGE
5
Vrms
MAX INPUT POWER
16
Vp-p
MINIMUM OUTPUT SPL @ 5Vrms/10CM
(AT 1.0, 1.5, 2.0, 2.5 kHz)
80
dBA
RESONANT FREQUENCY
800
12.5%
Hz
FREQUENCY RANGE
300 ~ 20,000
Hz
HOUSING MATERIAL
STAINLESS
STEEL
-
OPERATING TEMPERATURE
-20 ~ +70
C
WEIGHT
2.5
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
1
1.8 0.2
18
26
30 0.2
20
18
3.1
3
0.15
3
0.15
5.5 1


Similar Part No. - APS3008S-R

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APS3227SP1C-P22 KINGBRIGHT-APS3227SP1C-P22 Datasheet
241Kb / 3P
Ambient Light Photo Sensor
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3604RS29P8 ANADIGICS-APS3604RS29P8 Datasheet
310Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
More results

Similar Description - APS3008S-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT-2428-TWT-R ETC2-AT-2428-TWT-R Datasheet
202Kb / 1P
RELEASED FROM ENGINEERING
logo
Projects Unlimited, Inc...
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
RELEASED FROM ENGINEERING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com