Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P222-006-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P222-006-R
Description  Computer Cable, PS/2 Extension Cable (Straight)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P222-006-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P222-006-R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Computer Cable, PS/2 Extension Cable (Straight)
MODEL NUMBER: P222-006-R
Description
Extend the length of the cable on any PS/2 device, such as a mouse or keyboard, by using a Tripp Lite 6ft PS/2
extension cable. MiniDIN6 male to MiniDIN6 female.
Superior molded cables with foil-shielding for maximum EMI/RFI protection. Tripp Lite warrants this product to be
free from defects in materials and workmanship for life. Clamshell retail packaging.
Features
Superior molded cables with foil-shielding for maximum EMI/RFI protection.
For PS/2 keyboards and mice
MiniDIN6 (male) to MiniDIN6 (female)
Retail Packaging
Specifications
INPUT
Cable Length (ft.)
6
UPC ASSIGNMENT
Unit Carton UPC#
037332011909
CONNECTIONS
Connector A
MINI DIN-6 (MALE)
Connector B
MINI DIN-6 (FEMALE)
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
Highlights
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
For AT and PS/2 keyboards
Retail packaging
System Requirements
PS/2 device or cable with
MiniDin6 Male connector
Package Includes
6Ft PS/2 Keyboard/Mouse
Extension MiniDIN6M to
MiniDIN6F
1 / 1


Similar Part No. - P222-006-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P222-006 TRIPPLITE-P222-006 Datasheet
475Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
More results

Similar Description - P222-006-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P222-006 TRIPPLITE-P222-006 Datasheet
475Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
P222-010 TRIPPLITE-P222-010 Datasheet
477Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
logo
Assmann Electronics Inc...
AK323-2-R ASSMANN-AK323-2-R Datasheet
251Kb / 1P
PS/2 EXTENSION CABLE, SPIRAL
AK528G-5-R ASSMANN-AK528G-5-R Datasheet
43Kb / 1P
PS/2 Extension Cable, Straight, 5 Meters
AK678-2 ASSMANN-AK678-2 Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
AK679-5-R ASSMANN-AK679-5-R Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
AK-PS2-R ASSMANN-AK-PS2-R Datasheet
234Kb / 1P
PS/2 Internal Cable
logo
Tripp Lite. All Rights ...
P222-025 TRIPPLITE-P222-025 Datasheet
152Kb / 2P
PS/2 Keyboard or Mouse Extension Cable (Mini-DIN6 M/F), 25-ft.
P222-050 TRIPPLITE-P222-050 Datasheet
152Kb / 2P
PS/2 Keyboard or Mouse Extension Cable (Mini-DIN6 M/F), 50-ft.
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com