Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1202S Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1202S
Description  Serial Timekeeping Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1202S Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1202S Datasheet HTML 1Page - Dallas Semiconductor DS1202S Datasheet HTML 2Page - Dallas Semiconductor DS1202S Datasheet HTML 3Page - Dallas Semiconductor DS1202S Datasheet HTML 4Page - Dallas Semiconductor DS1202S Datasheet HTML 5Page - Dallas Semiconductor DS1202S Datasheet HTML 6Page - Dallas Semiconductor DS1202S Datasheet HTML 7Page - Dallas Semiconductor DS1202S Datasheet HTML 8Page - Dallas Semiconductor DS1202S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS1202, DS1202S
032697 2/11
OPERATION
The main elements of the Serial Timekeeper are shown
in Figure 1: shift register, control logic, oscillator, real
time clock, and RAM. To initiate any transfer of data,
RST is taken high and eight bits are loaded into the shift
register providing both address and command informa-
tion. Data is serially input on the rising edge of the SCLK.
The first eight bits specify which of 32 bytes will be ac-
cessed, whether a read or write cycle will take place,
and whether a byte or burst mode transfer is to occur.
After the first eight clock cycles have occurred which
load the command word into the shift register, additional
clocks will output data for a read or input data for a write.
The number of clock pulses equals eight plus eight for
byte mode or eight plus up to 192 for burst mode.
COMMAND BYTE
The command byte is shown in Figure 2. Each data
transfer is initiated by a command byte. The MSB (Bit 7)
must be a logic 1. If it is zero, further action will be termi-
nated. Bit 6 specifies clock/calendar data if logic 0 or
RAM data if logic 1. Bits one through five specify the
designated registers to be input or output, and the LSB
(Bit 0) specifies a write operation (input) if logic 0 or read
operation (output) if logic 1. The command byte is al-
ways input starting with the LSB (bit 0).
DS1202 BLOCK DIAGRAM Figure 1
32.768 KHz
X2
X1
OSCILLATOR
AND DIVIDER
REAL TIME
CLOCK
DATA BUS
INPUT SHIFT
REGISTERS
COMMAND AND
CONTROL LOGIC
ADDRESS BUS
24 X 8 RAM
I/O
SCLK
RST
ADDRESS/COMMAND BYTE Figure 2
1
7
6
A4
5
A3
4
A2
3
A1
2
A0
1
RD
0
W
RAM
CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com