Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1220-TT-2-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AT-1220-TT-2-R
Description  MOVED SOUND EMISSION HOLE DIMENSION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AT-1220-TT-2-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AT-1220-TT-2-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
AT-1220-TT-2-R
R.A.C.
R.W.
3/31/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/19/2004
Date
Date
8/19/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AT-1220-TT-2-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
8/19/2004
A
MOVED SOUND EMISSION HOLE DIMENSION
8/23/2004
R.W.
B
REVISED PART No.
9/2/2004
R.W.
C
REMOVED LEAD FREE ADDED RoHS NOTE
8/10/2005
D
REVISED TERMINAL MATERIAL
3/21/2006
E
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
3/31/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE (SQUARE WAVE)
1.5
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 3
Vp-p
RATED CURRENT (MAX)
30
mA
COIL RESISTANCE
16 ± 4
OHM
MINIMUM SPL @ 10 CM
75
dBA
RESONANT FREQUENCY
2,048 ± 500
Hz
OPERATING TEMPERATURE
-20 ~ +70
°C
STORAGE TEMPERATURE
-30 ~ +85
°C
HOUSING MATERIAL
NORYL
-
TERMINAL MATERIAL
Sn PLATED
COPPER
-
WEIGHT
2
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
12
n`0.2
n8
5.5
`0.2
5
0.5
n0.6 (2)
6.5
`0.2
+
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.


Similar Part No. - AT-1220-TT-2-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AT-1220-TT-2-R PUIAUDIO-AT-1220-TT-2-R Datasheet
182Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AT-1220-TT-2-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Hamamatsu Corporation
L1939 HAMAMATSU-L1939 Datasheet
111Kb / 2P
300 關m emission spot, no electrode in emission area
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TLGC180AP TOSHIBA-TLGC180AP Datasheet
195Kb / 4P
GAP GREEN LIGHT EMISSION
logo
Marktech Corporate
MTE1077N1-R MARKTECH-MTE1077N1-R Datasheet
647Kb / 4P
Peak Emission Wavelength: 770nm
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
Peak Emission Wavelength: 1300nm
MTE2062N-UR MARKTECH-MTE2062N-UR Datasheet
703Kb / 3P
Peak Emission Wavelength: 630nm
MTE3047W-UB MARKTECH-MTE3047W-UB Datasheet
582Kb / 3P
Peak Emission Wavelength: 470nm
logo
Projects Unlimited, Inc...
AI-2337-TF-LW115-R PUI-AI-2337-TF-LW115-R Datasheet
162Kb / 1P
ADDED SOUND EMISSION HOLE DIAMETER
logo
SHANGHAI BELLING CO., L...
BL6316 BELLING-BL6316 Datasheet
215Kb / 8P
Low EMI Emission
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com