Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1220-TT-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AT-1220-TT-R
Description  REMOVED LEAD FREE ADDED RoHS NOTE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AT-1220-TT-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AT-1220-TT-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
AT-1220-TT-R
R.A.C.
R.W.
4/7/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
9/2/2004
Date
Date
9/2/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AT-1220-TT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
9/2/2004
A
REMOVED LEAD FREE ADDED RoHS NOTE
8/10/2005
B
REVISED MINIMUM SPL
11/29/2007
R.W.
C
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
4/7/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
1.5
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 3
Vp-p
RATED CURRENT (MAX)
10
mA
COIL RESISTANCE
42 ± 6
OHM
MINIMUM SPL @ 10 CM
82
dBA
RESONANT FREQUENCY
2,048 ± 500
Hz
OPERATING TEMPERATURE
-20 ~ +70
°C
STORAGE TEMPERATURE
-30 ~ +80
°C
HOUSING MATERIAL
NORYL
-
TERMINAL MATERIAL
Sn PLATED
RED COPPER
-
WEIGHT
2
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
12
n`0.2
2.3
n`0 SOUND
EMISSION HOLE
8.5
`0.2
5
0.6
n`0.2
6.5
`0.2
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.


Similar Part No. - AT-1220-TT-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AT-1220-TT-R PUIAUDIO-AT-1220-TT-R Datasheet
248Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AT-1220-TT-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
W06M-BP MCC-W06M-BP Datasheet
310Kb / 3P
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
RoHS Compliant / Lead-Free
logo
Projects Unlimited, Inc...
AI-2331-TWT-R PUI-AI-2331-TWT-R Datasheet
298Kb / 1P
REMOVED LEAD FREE NOTE ADDED RoHS
AI-2429-TWT-R PUI-AI-2429-TWT-R Datasheet
229Kb / 1P
REMOVED LEAD FREE ADDED RoHS
AI-3245-TF-LW95-R PUI-AI-3245-TF-LW95-R Datasheet
187Kb / 1P
REMOVED LEAD FREE ADDED RoHS NOTE
logo
M/A-COM Technology Solu...
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
RoHS Compliant, lead-free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
RoHS Compliant, lead-free
logo
Micro Commercial Compon...
TFR602G MCC-TFR602G_13 Datasheet
216Kb / 2P
Lead Free Finish/RoHS Compliant(Note 1)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com