Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1224-TWT-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AT-1224-TWT-R
Description  ADDED RESONANT FREQUENCY TOLERANCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AT-1224-TWT-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AT-1224-TWT-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
AT-1224-TWT-R
R.A.C.
R.W.
10/15/2009
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/9/2004
Date
Date
6/10/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AT-1224-TWT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
6/9/2004
A
ADDED RESONANT FREQUENCY TOLERANCE
9/13/2004
R.W.
B
REMOVED LEAD FREE ADDED RoHS NOTE
8/10/2005
E.P.
C
REVISED HEIGHT DIMENSION
4/11/2006
E.P.
D
ADDED PART NUMBER AND DATE CODE
8/23/2006
B.R.
E
REVISED OPERATING AND STORAGE TEMPERATURE
4/4/2007
D.F.
F
REVISED RoHS NOTE
2/16/2009
B.R.
G
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
10/15/2009
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE (SQUARE WAVE)
5
Vp-p
OPERATING VOLTAGE RANGE
3 ~ 8
Vp-p
RATED CURRENT (MAX)
40
mA
COIL RESISTANCE
47 ± 9.4
OHM
MINIMUM SPL @ 10 CM
85
dBA
RESONANT FREQUENCY
2,400 ± 500
Hz
OPERATING TEMPERATURE
-40 ~ +70
°C
STORAGE TEMPERATURE
-40 ~ +80
°C
HOUSING MATERIAL
NORYL
-
TERMINAL MATERIAL
Sn PLATED
RED COPPER
-
WEIGHT
2
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
12
n`0.2
8.5
`0.2
0.5
4.5
0.6
`0.05 (2)
6.5
`0.2
REMOVABLE TAB
POTTING
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.


Similar Part No. - AT-1224-TWT-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AT-1224-TWT-R PUIAUDIO-AT-1224-TWT-R Datasheet
337Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AT-1224-TWT-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
logo
Mallory performance clu...
PK-12N40PQ MALLORY-PK-12N40PQ Datasheet
193Kb / 1P
Resonant Frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
Self Resonant Frequency
74405020010 WURTH-74405020010 Datasheet
320Kb / 5P
Self Resonant Frequency
74405020022 WURTH-74405020022 Datasheet
320Kb / 5P
Self Resonant Frequency
74405020047 WURTH-74405020047 Datasheet
320Kb / 5P
Self Resonant Frequency
74405024010 WURTH-74405024010 Datasheet
321Kb / 5P
Self Resonant Frequency
74405024015 WURTH-74405024015 Datasheet
321Kb / 5P
Self Resonant Frequency
74406032047 WURTH-74406032047 Datasheet
324Kb / 5P
Self Resonant Frequency
74406032068 WURTH-74406032068 Datasheet
324Kb / 5P
Self Resonant Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com