Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM268 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCM268
Description  Four-Channel Microphone Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCM268 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCM268 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCM268 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
English –
SHURE SCM268
DESCRIPTION
The Shure Model SCM268 is a transformer-balanced, four-
channel microphone mixer. Its simple, compact design delivers
superior performance and exceptional sound quality with low
noise and a flat frequency response.
Versatile in all types of applications, the SCM268 integrates
transformer-balanced XLR inputs, a switchable microphone/line
level transformer-balanced XLR output, phono jack inputs and
output, phantom power, and an auxiliary input channel. It can
function as a primary or add-on mixer for sound reinforcement,
recording, broadcast, or audio-visual presentation systems.
With the supplied hardware, the mixer’s half-rack chassis
mounts securely in single or dual rackmount installations. For
fixed installations, the SCM268 can be fastened on or below a
shelf, counter, or tabletop.
FEATURES
S Four transformer-balanced microphone inputs
S Transformer-balanced output—switchable mic/line level
S Five –10 dB line-level inputs
S Six-segment LED output level meter
S Built-in 12-volt phantom power
S Internal power transformer
S Built-in low-cut filter on microphone inputs (below 80 Hz)
FRONT PANEL
ÍÎ
Ê
ËÌ
Ê Gain Controls (1–4). Adjusts gain for microphone level in-
puts and auxiliary level inputs 1–4.
Ë AuxiliaryChannelGainControl(AUXIN).Adjuststheaux-
iliary channel input gain.
Ì Output Meter. LED meter indicates peak output signal level.
Í Master Gain Control (MASTER). Adjusts overall output
level.
Î Power Indicator (POWER). This LED illuminates when the
unit is plugged in and receiving power.
NOTE: The SCM268 does not have a power switch. To turn
the unit off, unplug the power cord or use an external power
strip with a switch. However, it can remain plugged in as it
uses very little power when idle.
REAR PANEL
Ñ
Î
ÊË
Í
ÌÏ
Ð
Ê Power Connector. Accepts 100–120 Vac (SCM268) or
220–240 Vac (SCM268E).
Ë Output Connector (MIC/LINE OUT). Transformer-bal-
anced XLR output connector. Switchable between line and
microphone level.
Ì Output Level Switch (MIC/LINE OUT). Recessed switch
changes the signal level of the XLR output connector:
In = Microphone Level
Out = Line Level
Í Auxiliary Output Connector (AUX OUT). Phono jack
feeds consumer-level audio equipment. Not affected by
MIC/LINE switch.
Î Auxiliary Level Inputs (AUX LEVEL INPUTS, 1–4). Phono
jacks connect to consumer-level audio sources.
Ï Auxiliary Input Channel (AUX IN). A dedicated auxiliary-
level input for the auxiliary channel.
Ð Phantom Power Switch (12V PHANTOM). Recessed
switch turns on phantom power for microphone inputs 1–4.
Ñ Microphone Level Inputs (MIC LEVEL INPUTS). Trans-
former-balanced, microphone-level XLR inputs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com