Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SFS30
Description  DC/DC Converters, SMD/DIP Types, 10.4~30W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SFS30 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL
SFS30481R2 SFS30481R5 SFS30481R8 SFS304802 SFS30482R5 SFS30483R3 SFS304805 SFS304810 SFS304812 SFS304815
MAX OUTPUT WATTAGE[W]
12.48
15.6
16.2
18.0
22.5
29.7
30.0
30.0
30.0
30.0
DC OUTPUT
1.2V 10.4A 1.5V 10.4A 1.8V 9A
2V 9A
2.5V 9A
3.3V 9A
5V 6A
10V 3A
12V 2.5A 15V 2A
SPECIFICATIONS
MODEL
SFS30481R2 SFS30481R5 SFS30481R8 SFS304802 SFS30482R5 SFS30483R3 SFS304805 SFS304810 SFS304812 SFS304815
INPUT
VOLTAGE[V]
DC36 - 76
CURRENT[A]
*1
0.30typ
0.37typ
0.38typ
0.42typ
0.52typ
0.67typ
0.68typ
0.69typ
0.68typ
0.68typ
EFFICIENCY[%]
*1
86typ
87.5typ
89typ
89typ
91typ
92typ
92.5typ
91typ
92typ
92typ
START-UP VOLTAGE[V]
DC32 - 36
HYSTERESIS VOLTAGE[V] DC2 min
OUTPUT
VOLTAGE[V]
1.2
1.5
1.8
2
2.5
3.3
5
10
12
15
CURRENT[A]
10.4
10.4
9
9
99632.5
2
VOLTAGE ACCURACY[%]
+5, -3
RIPPLE[mVp-p]
25max
120max
RIPPLE NOISE[mVp-p]
50max
150max
START-UP TIME[ms]
20 - 200max (DCIN 48V, Io=100%)
OUTPUT VOLTAGE SETTING *1
t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION
Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION
Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)
MODEL
SFS30241R2
MAX OUTPUT WATTAGE[W]
12.48
DC OUTPUT
1.2V 10.4A
SPECIFICATIONS
MODEL
SFS30241R2 SFS30241R5 SFS30241R8 SFS30242R5 SFS30243R3 SFS302405 SFS302412 SFS302415
INPUT
VOLTAGE[V]
DC18 - 36
CURRENT[A]
*1
0.60typ
EFFICIENCY[%]
*1
86.5typ
START-UP VOLTAGE[V]
DC16 - 18
HYSTERESIS VOLTAGE[V] DC1 min
OUTPUT
VOLTAGE[V]
1.2
CURRENT[A]
10.4
SFS30241R5
15.6
1.5V 10.4A
0.74typ
87.5typ
1.5
10.4
SFS30241R8
16.2
1.8V 9A
0.76typ
89typ
1.8
9
SFS30242R5
22.5
2.5V 9A
1.04typ
90typ
2.5
9
SFS30243R3
29.7
3.3V 9A
1.36typ
91typ
3.3
9
SFS302405
30.0
5V 6A
1.36typ
92typ
5
6
SFS302412
30.0
12V 2.5A
1.36typ
92typ
12
2.5
SFS302415
30.0
15V 2A
1.39typ
90typ
15
2
VOLTAGE ACCURACY[%]
+5, -3
RIPPLE[mVp-p]
25max
120max
RIPPLE NOISE[mVp-p]
50max
150max
START-UP TIME[ms]
20 - 200max (DCIN 24V, Io=100%)
OUTPUT VOLTAGE SETTING *1
t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION
Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION
Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)
DC/DC Converters, SMD/DIP Types, 10.4~30W
Cosel SFS30 Series
TRC ELECTRONICS, INC.
1.888.612.9514
www.trcelectronics.com/cosel
1Series name
2Single output
3Output wattage
4Input voltage
24:DC18 - 36V
48:DC36 - 76V
5Output voltage
6Mounting type
(Soldering process)
B :SMD(Pb-free solder)
C :DIP(Pb-free solder)


Similar Part No. - SFS30

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SFS30 COSEL-SFS30 Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
logo
Z-Communications, Inc
SFS3000C-LF ZCOMM-SFS3000C-LF Datasheet
76Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
SFS3000C-LF ZCOMM-SFS3000C-LF_11 Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
logo
COSEL CO., LTD.
SFS302405B COSEL-SFS302405B Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
SFS302405C COSEL-SFS302405C Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
More results

Similar Description - SFS30

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
EXB30 ARTESYN-EXB30 Datasheet
51Kb / 2P
16-30W High Efficiency DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
30W Isolated Wide-Range DC/DC Converters
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
30W, Triple Output DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
30W Isolated Wide-Range DC/DC Converters
logo
TDK Electronics
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
logo
Artesyn Technologies
EXB30-24D05-3V3 ARTESYN-EXB30-24D05-3V3 Datasheet
71Kb / 2P
30W High Efficiency DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com