Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1216 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1216
Description  SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1216 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1216 Datasheet HTML 1Page - Dallas Semiconductor DS1216 Datasheet HTML 2Page - Dallas Semiconductor DS1216 Datasheet HTML 3Page - Dallas Semiconductor DS1216 Datasheet HTML 4Page - Dallas Semiconductor DS1216 Datasheet HTML 5Page - Dallas Semiconductor DS1216 Datasheet HTML 6Page - Dallas Semiconductor DS1216 Datasheet HTML 7Page - Dallas Semiconductor DS1216 Datasheet HTML 8Page - Dallas Semiconductor DS1216 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1216
2 of 13
TYPICAL OPERATING CIRCUIT
DESCRIPTION
The DS1216 SmartWatch RAM and SmartWatch ROM Sockets are 600mil-wide DIP sockets with a
built-in CMOS watch function, an NV RAM controller circuit, and an embedded lithium energy source.
The sockets provide an NV RAM solution for memory sized from 2k x 8 to 512k x 8 with package sizes
from 26 pins to 32 pins. When a socket is mated with a CMOS SRAM, it provides a complete solution to
problems associated with memory volatility and uses a common energy source to maintain time and date.
The SmartWatch ROM sockets use the embedded lithium source to maintain the time and date only. A
key feature of the SmartWatch is that the watch function remains transparent to the RAM. The
SmartWatch monitors VCC for an out-of-tolerance condition. When such a condition occurs, an internal
lithium energy source is automatically switched on and write protection is unconditionally enabled to
prevent loss of watch and RAM data.
Using the SmartWatch saves PC board space since the combination of SmartWatch and the mated RAM
take up no more area than the memory alone. The SmartWatch uses the VCC, data I/O 0, CE , OE , and WE
for RAM and watch control. All other pins are passed straight through to the socket receptacle.
The SmartWatch provides timekeeping information including hundredths of seconds, seconds, minutes,
hours, days, date, months, and years. The date at the end of the month is automatically adjusted for
months with fewer than 31 days, including correction for leap years. The SmartWatch operates in either
24-hour or 12-hour format with an AM/PM indicator.
OPERATION
Communication with the SmartWatch RAM is established by pattern recognition on a serial bit stream of
64 bits that must be matched by executing 64 consecutive write cycles containing the proper data on
DQ0. On the SmartWatch ROM, communication with the clock is established using A2 and A0, and
either OE or CE. All accesses that occur prior to recognition of the 64-bit pattern are directed to memory.
VCC
WE
OE
CE
1
2
3
4
5
6
7
8
9
[A2] 10
11
[A0] 12
13
14
15
16
32
31
29
28
27
26
25
24
23
22
21
20
19
18
17
GND
DQ0
RST
DS1216D/E/F/H
32-Pin Intelligent Socket
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com