Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1220AB Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1220AB
Description  16k Nonvolatile SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1220AB Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1220AB Datasheet HTML 1Page - Dallas Semiconductor DS1220AB Datasheet HTML 2Page - Dallas Semiconductor DS1220AB Datasheet HTML 3Page - Dallas Semiconductor DS1220AB Datasheet HTML 4Page - Dallas Semiconductor DS1220AB Datasheet HTML 5Page - Dallas Semiconductor DS1220AB Datasheet HTML 6Page - Dallas Semiconductor DS1220AB Datasheet HTML 7Page - Dallas Semiconductor DS1220AB Datasheet HTML 8Page - Dallas Semiconductor DS1220AB Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DS1220AB/AD
2 of 9
READ MODE
The DS1220AB and DS1220AD execute a read cycle whenever WE (Write Enable) is inactive (high) and
CE (Chip Enable) and OE (Output Enable) are active (low). The unique address specified by the 11
address inputs (A0-A10) defines which of the 2048 bytes of data is to be accessed. Valid data will be
available to the eight data output drivers within tACC (Access Time) after the last address input signal is
stable, providing that the CE and OE access times are also satisfied. If CE and OE access times are not
satisfied, then data access must be measured from the later-occurring signal and the limiting parameter is
either tCO for CE or tOE for OE rather than address access.
WRITE MODE
The DS1220AB and DS1220AD execute a write cycle whenever the WE and CE signals are active (low)
after address inputs are stable. The latter occurring falling edge of CE or WE will determine the start of
the write cycle. The write cycle is terminated by the earlier rising edge of CE or WE . All address inputs
must be kept valid throughout the write cycle. WE must return to the high state for a minimum recovery
time (tWR ) before another cycle can be initiated. The OE control signal should be kept inactive (high)
during write cycles to avoid bus contention. However, if the output drivers are enabled ( CE and OE
active) then WE will disable the outputs in tODW from its falling edge.
DATA RETENTION MODE
The DS1220AB provides full functional capability for VCC greater than 4.75 volts and write protects by
4.5V. The DS1220AD provides full functional capability for VCC greater than 4.5 volts and write protects
by 4.25V. Data is maintained in the absence of VCC without any additional support circuitry. The
nonvolatile static RAMs constantly monitor VCC. Should the supply voltage decay, the NV SRAMs
automatically write protect themselves, all inputs become “don’t care,” and all outputs become high
impedance. As VCC falls below approximately 3.0 volts, a power switching circuit connects the lithium
energy source to RAM to retain data. During power-up, when VCC rises above approximately 3.0 volts,
the power switching circuit connects external VCC to RAM and disconnects the lithium energy source.
Normal RAM operation can resume after VCC exceeds 4.75 volts for the DS1220AB and 4.5 volts for the
DS1220AD.
FRESHNESS SEAL
Each DS1220 device is shipped from Dallas Semiconductor with its lithium energy source disconnected,
guaranteeing full energy capacity. When VCC is first applied at a level of greater than VTP, the lithium
energy source is enabled for battery backup operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com