Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1803-T-LW50-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AT-1803-T-LW50-R
Description  REVISED RESONANT FREQUENCY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AT-1803-T-LW50-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AT-1803-T-LW50-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Receiver
AT-1803-T-LW50-R
J.D.
R.W.
B.R.
6/16/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
10/26/2006
Date
10/26/2006
Date
10/26/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
AT-1803-T-LW50-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
10/26/2006
A
REVISED RESONANT FREQUENCY
6/16/2008
B.R.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
6/16/2010
B.R.
C
REVISED RESONANT FREQUENCY
6/16/2010
B.R.
D
REVISED SPL DISTANCE
8/31/2010
B.R.
E
ADDED TEST FREQ. & REVISED RATED VOLTAGE
6/18/2013
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
3
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 10
Vp-p
RATED CURRENT (MAX)
3
mA
CAPACITANCE
80,000
30%
pF
MINIMUM SPL @ 1 CM @ 2.5KHz
103
dBA
RESONANT FREQUENCY
2,500
500
Hz
OPERATING TEMPERATURE
-20 ~ +60
C
STORAGE TEMPERATURE
-30 ~ +70
C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
LEAD WIRE
-
WEIGHT
1.3
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
17.7
50
5
3
1
2
BLACK (-)
RED (+)
UL1571 AWG #36
2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.


Similar Part No. - AT-1803-T-LW50-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AT-1810-T-LW50-R PUIAUDIO-AT-1810-T-LW50-R Datasheet
252Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AT-1820-TWT-1V-R PUI-AT-1820-TWT-1V-R Datasheet
187Kb / 1P
REVISED PART HEIGHT DIMENSION
logo
PUI audio inc.
AT-1820-TWT-1V-R PUIAUDIO-AT-1820-TWT-1V-R Datasheet
187Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
AT-1820-TWT-6V-R PUIAUDIO-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AT-1803-T-LW50-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
logo
Mallory performance clu...
PK-12N40PQ MALLORY-PK-12N40PQ Datasheet
193Kb / 1P
Resonant Frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
Self Resonant Frequency
74405020010 WURTH-74405020010 Datasheet
320Kb / 5P
Self Resonant Frequency
74405020022 WURTH-74405020022 Datasheet
320Kb / 5P
Self Resonant Frequency
74405020047 WURTH-74405020047 Datasheet
320Kb / 5P
Self Resonant Frequency
74405024010 WURTH-74405024010 Datasheet
321Kb / 5P
Self Resonant Frequency
74405024015 WURTH-74405024015 Datasheet
321Kb / 5P
Self Resonant Frequency
74406032047 WURTH-74406032047 Datasheet
324Kb / 5P
Self Resonant Frequency
74406032068 WURTH-74406032068 Datasheet
324Kb / 5P
Self Resonant Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com