Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-3425-TWT-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AT-3425-TWT-R
Description  REVISED TO INVENTOR 3-D DRAWING TEMPLATE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AT-3425-TWT-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AT-3425-TWT-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Piezo)
AT-3425-TWT-R
J.A.F.
B.R.
E.P.
10/3/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
9/12/2005
Date
9/12/2005
Date
9/12/2005
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AT-3425-TWT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
9/12/2005
A
REVISED FEEDBACK LOOP
1/2/2008
R.W.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
10/3/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vp-p
OPERATING VOLTAGE RANGE
3 ~ 28
Vp-p
RATED CURRENT (MAX)
7mA
CAPACITANCE
21,000 ± 30%
pF
MINIMUM SPL @ 10 CM
85
dBA
RESONANT FREQUENCY
2,500 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +85
°C
STORAGE TEMPERATURE
-40 ~ +95
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
Au PLATED
PHOSPHOR BRONZE
-
WEIGHT
5
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
4. PART WASHABLE USING DEIONIZED WATER, OR PURE ISOPROPYL ALCOHOL.
5.6
n`0.2 SOUND
EMISSION HOLE
n33.6
8.1
11.5
14.9
3.5
n0.6
REMOVEABLE
WASH TAB
LOCATING
DOT GROUND
120°
GROUND
MAIN
FEEDBACK


Similar Part No. - AT-3425-TWT-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AT-3425-TWT-R PUIAUDIO-AT-3425-TWT-R Datasheet
220Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AT-3425-TWT-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2304-TT-24V-2-R PUI-AI-2304-TT-24V-2-R Datasheet
160Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-2429-TWT-2-R PUI-AI-2429-TWT-2-R Datasheet
245Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-2604-TF-LW115-12V-R PUI-AI-2604-TF-LW115-12V-R Datasheet
203Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-2835-TF-LW150-3-R PUI-AI-2835-TF-LW150-3-R Datasheet
209Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-3035-TWT-3V-R PUI-AI-3035-TWT-3V-R Datasheet
256Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-3039-TWT-12V-R PUI-AI-3039-TWT-12V-R Datasheet
224Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4228-P-C120-R PUI-AI-4228-P-C120-R Datasheet
199Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4228-P-SP120-R PUI-AI-4228-P-SP120-R Datasheet
191Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-0927-TT-2-R PUI-AT-0927-TT-2-R Datasheet
200Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-4230-TF-LW135-R PUI-AT-4230-TF-LW135-R Datasheet
189Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com