Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1202A2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1202A2
Description  Momentary pushbutton switches - round plunger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1202A2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1202A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
B2-108
APEM
www.apem.com
B2
1200 series
Momentary pushbutton switches - round plunger
Solder lug/quick-connect terminals - screw terminals
6.35x0.80
(.25x.031)
(.122DIA)
Ø3.10
(.031)
(.118DIAx0.50)
Ø3.00x0.50
0.80
6.35
(.25)
(.25)
6.35
0.80
Ø3.00x0.50
(.118DIAx0.50)
(.031)
• Single pole configurations
• Approved models : see following pages
• Panel cut-out : Ø 12,2 (.480)
6.35x0.80
(.25x.031)
(.059DIA)
Ø.50
Screw terminals
Solder lug/quick-connect terminals
MODEL
STRUCTURE
NO
NC
(function 3)
(function 2)
1212
Normally Closed
1213
Normally Open
1222
Normally Closed
1223
Normally Open
➞ Keyway
122.
121.
123.
120.
➞ Keyway
➞ Keyway
(.25x0.031)
13.20
(.551)
(.669)
(.472DIAx0.75 IS)
14.00
6.35x0.80
(.519)
17.00
Ø12.00x0.75 SI
Ø8.00
(.315DIA)
14.00
(.551)
17.00
(.519)
(.669)
13.20
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
(.315DIA)
Ø8.00
Normalized quick-connect terminals
1232
Normally Closed
1233
Normally Open
(.669)
17.00
(.472DIAx0.75 IS)
ø12.00x0.75 SI
6.35x0.80
(.519)
(.25x0.031)
(.551)
14.00
13.20
ø8.00
(.315DIA)
(.059DIA)
ø1.50
➞ Keyway
Plunger height : NO model : 7,50 mm, NC model : 5,80 mm
15-Serie 1200-A_20-Serie 1200-A 21/11/12 16:41 Page108



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com