Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD414CI Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDD414CI
Description  14 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD414CI Datasheet(HTML) 2 Page - IXYS Corporation

  IXDD414CI Datasheet HTML 1Page - IXYS Corporation IXDD414CI Datasheet HTML 2Page - IXYS Corporation IXDD414CI Datasheet HTML 3Page - IXYS Corporation IXDD414CI Datasheet HTML 4Page - IXYS Corporation IXDD414CI Datasheet HTML 5Page - IXYS Corporation IXDD414CI Datasheet HTML 6Page - IXYS Corporation IXDD414CI Datasheet HTML 7Page - IXYS Corporation IXDD414CI Datasheet HTML 8Page - IXYS Corporation IXDD414CI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
IXDD414PI/414YI/414CI/414SI
Unless otherwise noted, T
A = 25
oC, 4.5V ≤ V
CC ≤ 35V .
All voltage measurements with respect to GND. IXDD414 configured as described in Test Conditions.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH, VENH
High input & EN voltage
4.5V ≤ VCC ≤ 18V
3.5
V
VIL, VENL
Low input & EN voltage
4.5V ≤ VCC ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
VEN
Enable voltage range
- 0.3
Vcc + 0.3
V
IIN
Input current
0V ≤ VIN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output high
IOUT = 10mA, VCC = 18V
600
1000
mΩ
ROL
Output resistance
@ Output Low
IOUT = 10mA, VCC = 18V
600
1000
mΩ
IPEAK
Peak output current
VCC is 18V
14
A
IDC
Continuous output
current
8 Pin Dip (PI) (Limited by pkg power dissipation)
TO220 (CI), TO263 (YI)
3
4
A
A
tR
Rise time
CL=15nF Vcc=18V
23
25
29
ns
tF
Fall time
CL=15nF Vcc=18V
21
22
26
ns
tONDLY
On-time propagation
delay
CL=15nF Vcc=18V
29
30
33
ns
tOFFDLY
Off-time propagation
delay
CL=15nF Vcc=18V
29
31
34
ns
tENOH
Enable to output high
delay time
Vcc=18V
40
ns
tDOLD
Disable to output low
disable delay time
Vcc=18V
30
ns
VCC
Power supply voltage
4.5
18
35
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
REN
Enable Pull-up Resistor
200
kΩ
Absolute Maximum Ratings (Note 1)
Operating Ratings
Specifications Subject To Change Without Notice
Parameter
Value
Maximum Junction Temperature 150 oC
Operating Temperature Range
-55 oC to 125 oC
Thermal Resistance (Junction-to- Case)
TO-220, TO-263 (YI)
10 K/W
14-Pin SOIC (SI)
10 K/W
Thermal Resistance (Junction to Ambient)
8-Pin PDIP (PI)
150 K/W
14-Pin SOIC
120 K/W
TO-220 (CI), TO-263 (YI)
62.5 K/W
Parameter
Value
Supply Voltage
40 V
All Other Pins (unless
-0.3 V to VCC + 0.3 V
specified otherwise)
Power Dissipation, T
AMBIENT = 25
oC
8 Pin PDIP (PI)
833 mW
14-Pin SOIC (SI)
1000 mW
TO-220 (CI), TO-263 (YI)
12.5 W
Storage Temperature
-55 oC to 150 oC
Lead Temperature (10 s)
300 oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com