Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH30N50P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH30N50P
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH30N50P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH30N50P Datasheet HTML 1Page - IXYS Corporation IXTH30N50P Datasheet HTML 2Page - IXYS Corporation IXTH30N50P Datasheet HTML 3Page - IXYS Corporation IXTH30N50P Datasheet HTML 4Page - IXYS Corporation IXTH30N50P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH 30N50P IXTQ 30N50P IXTT 30N50P
IXTV 30N50P IXTV 30N50PS
Fig. 11. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crs
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
10203040
506070
Q G - nanoCoulombs
VDS = 250V
ID = 15A
IG = 10mA
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
10
20
30
40
50
60
70
80
90
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 12. Forw ard-Bias
Safe Operating Area
1
10
100
10
100
1000
VD S - Volts
100µs
1ms
DC
TJ = 150ºC
TC = 25ºC
RDS(on) Limit
10ms
25µs
Fig. 13. M axim um Transient The rm al Resistance
0.01
0.10
1.00
0.1
1
10
100
1000
Pulse Width - milliseconds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com