Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FS-1000 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3FS-1000
Description  Surface-mounting Switches Ideal for High-density Mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3FS-1000 Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3FS-1000 Datasheet HTML 1Page - Omron Electronics LLC B3FS-1000 Datasheet HTML 2Page - Omron Electronics LLC B3FS-1000 Datasheet HTML 3Page - Omron Electronics LLC B3FS-1000 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
B3FS
B3FS
■ Ratings/Characteristics
■ Operating Characteristics
Ratings
1 to 50 mA, 5 to 24 VDC (resistive load)
Ambient operating temperature
-25
°C to +70°C at 60%RH max. (with no icing or condensation)
Ambient operating humidity
35% to 85% (at +5 to +35
°C)
Contact form
SPST-NO
Contact resistance
100 m
Ω max. (initial value) (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 100 VDC)
Dielectric strength
250 VAC, 50/60 Hz for 1 min
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 {approx. 100G} max.
Malfunction: 100 m/s2 {approx. 10G} max.
Durability
Standard models (0.98 N {100 gf}): 1,000,000 operations min.
High-force models (1.47 N {150 gf}): 300,000 operations min.
High-force models (2.55 N {260 gf}): 100,000 operations min.
Weight
B3FS-1000: Approx. 0.2 g
B3FS-1000
Item
0.98 N
1.47 N
2.55 N
Operating force (OF)
0.98
±0.29 N
{100
±30 gf}
1.47
±0.49 N
{150
±50 gf}
2.55
±0.69 N
{260
±70 gf}
Releasing force (RF)
0.2 N {20 gf} min. 0.49 N {50 gf} min. 0.49 N {50 gf} min.
Pretravel (PT)
0.25 +0.2/−0.1 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com