Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FS-1012 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B3FS-1012
Description  Surface-mounting Switches Ideal for High-density Mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3FS-1012 Datasheet(HTML) 3 Page - Omron Electronics LLC

  B3FS-1012 Datasheet HTML 1Page - Omron Electronics LLC B3FS-1012 Datasheet HTML 2Page - Omron Electronics LLC B3FS-1012 Datasheet HTML 3Page - Omron Electronics LLC B3FS-1012 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
B3FS
B3FS
■ Dimensions (Unit: mm)
Note:
The numbers used for terminals in the following graphics are indicated in the “Bottom View” diagram below. In this
diagram, the Switch is rotated so that the terminals are on the right and left-hand sides, and the OMRON logo appears
the right way up.
Note:
Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions. No terminal numbers are indicated on the Switches.
■ Key Tops
B32-series Special Key Tops are available for projected plunger models. Refer to the Datasheet of B32 for details.
■ Precautions
Be sure to read the safety precautions common to all Tactile Switches for correct use.
(Bottom View)
2
4
1
3
PCB Pad
(Top View)
(One-side PCB t= 1.6)
Terminal Arrangement/
Internal Connection
(Top View)
4.5
±0.2
3 dia.
8
0.7
0.7
6.3
3.1
±0.2 2.6
9.6
6.4
3.1
5.9
3
1
4
2
4.5
±0.2
3 dia.
8
0.7
0.7
6.3
4.3
2.6
9.6
6.4
3.1
5.9
3
1
4
2
4.5
±0.2
6
8
2.4
±0.1
0.7
0.7
6.3
3.1
1.8
7.3
2.6
9.6
6.4
3.1
5.9
3
1
4
2
Flat Type
B3FS-1000
B3FS-1002
B3FS-1005
B3FS-1000P
B3FS-1002P
B3FS-1005P
PCB Pad
(Top View)
(One-side PCB t= 1.6)
Terminal Arrangement/
Internal Connection
(Top View)
PCB Pad
(Top View)
(One-side PCB t= 1.6)
Terminal Arrangement/
Internal Connection
(Top View)
Flat Type
B3FS-1010
B3FS-1012
B3FS-1015
B3FS-1010P
B3FS-1012P
B3FS-1015P
Projected Type
B3FS-1050
B3FS-1052
B3FS-1050P
B3FS-1052P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com