Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY3N60P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTY3N60P
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY3N60P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTY3N60P Datasheet HTML 1Page - IXYS Corporation IXTY3N60P Datasheet HTML 2Page - IXYS Corporation IXTY3N60P Datasheet HTML 3Page - IXYS Corporation IXTY3N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA 3N60P IXTP 3N60P
IXTY 3N60P
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 20 V; ID = 0.5 ID25, Note 1
2.2
3.4
S
C
iss
411
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
44
pF
C
rss
6.4
pF
t
d(on)
25
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = ID25
25
ns
t
d(off)
R
G = 30 Ω (External)
58
ns
t
f
22
ns
Q
g(on)
9.8
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
3.4
nC
Q
gd
3.5
nC
R
thJC
1.80
° C/W
R
thCS
(TO-220)
0.25
° CW
Source-Drain Diode
Characteristic Values
T
J = 25° C unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
3
A
I
SM
Repetitive
9
A
V
SD
I
F = IS, VGS = 0 V, Note 1
1.5
V
t
rr
I
F = 3 A, -di/dt = 100 A/µs
500
ns
V
R = 100 V, VGS = 0 V
Note 1: Pulse test, t ≤300 µs, duty cycle d ≤ 2 %
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or more of the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478 B2
TO-263 (IXTA) Outline
TO-220 (IXTP) Outline
Pins: 1 - Gate
2 - Drain
3 - Source
4 - Drain
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19
2.38
0.086
0.094
A1
0.89
1.14
0.035
0.045
A2
0
0.13
0
0.005
b
0.64
0.89
0.025
0.035
b1
0.76
1.14
0.030
0.045
b2
5.21
5.46
0.205
0.215
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.32
5.21
0.170
0.205
E
6.35
6.73
0.250
0.265
E1
4.32
5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51
1.02
0.020
0.040
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
2.54
2.92
0.100
0.115
TO-252 (IXTY) Outline
Pins: 1 - Gate
3 - Source
4 - Drain



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com