Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY-3N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTY-3N60P
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY-3N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTY-3N60P Datasheet HTML 1Page - IXYS Corporation IXTY-3N60P Datasheet HTML 2Page - IXYS Corporation IXTY-3N60P Datasheet HTML 3Page - IXYS Corporation IXTY-3N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 150° C
600
V
V
DGR
T
J
= 25
° C to 150° C; R
GS = 1 MΩ
600
V
V
GS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25° C
3.0
A
I
DM
T
C = 25° C, pulse width limited by TJM
6A
I
AR
T
C = 25° C3
A
E
AR
T
C = 25° C10
mJ
E
AS
T
C = 25° C
100
mJ
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS
5
V/ns
T
J
≤150° C, R
G = 30 Ω
P
D
T
C = 25° C70
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
Weight
TO-220
4
g
TO-263
3
g
TO-252
0.35
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
600
V
V
GS(th)
V
DS = VGS, ID = 50 µA
3.0
5.5
V
I
GSS
V
GS = ± 30 VDC, VDS = 0
± 100
nA
I
DSS
V
DS = VDSS
5
µA
V
GS = 0 V
T
J = 125° C50
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25, Note 1
2.9
Ω
PolarHVTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Features
l International standard packages
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
IXTA 3N60P
IXTP 3N60P
IXTY 3N60P
V
DSS
= 600
V
I
D25
= 3.0
A
R
DS(on)
≤≤≤≤≤ 2.9
Ω
Ω
Ω
Ω
Ω
DS99449E(04/06)
G = Gate
D = Drain
S = Source
TAB = Drain
TO-220 (IXTP)
S
TO-252 (IXTY)
(TAB)
TO-263 (IXTA)
G
S
D
G
(TAB)
G
S
(TAB)


Similar Part No. - IXTY-3N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTY01N100 IXYS-IXTY01N100 Datasheet
65Kb / 2P
High Voltage MOSFET N-Channel, Enhancement Mode
logo
Inchange Semiconductor ...
IXTY01N100 ISC-IXTY01N100 Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTY01N100D IXYS-IXTY01N100D Datasheet
93Kb / 2P
N-Channel, Depletion Mode High Voltage MOSFET
IXTY01N100D IXYS-IXTY01N100D Datasheet
164Kb / 6P
Power MOSFET
logo
Inchange Semiconductor ...
IXTY01N100D ISC-IXTY01N100D Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTY-3N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXFA90N20X3 IXYS-IXFA90N20X3 Datasheet
242Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
IXFN220N20X3 IXYS-IXFN220N20X3 Datasheet
153Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXFT120N30X3HV IXYS-IXFT120N30X3HV Datasheet
257Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com