Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FS-1010P Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3FS-1010P
Description  Surface-mounting Switches Ideal for High-density Mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3FS-1010P Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3FS-1010P Datasheet HTML 1Page - Omron Electronics LLC B3FS-1010P Datasheet HTML 2Page - Omron Electronics LLC B3FS-1010P Datasheet HTML 3Page - Omron Electronics LLC B3FS-1010P Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
B3FS
Tactile Switch (SMT)
Surface-mounting Switches Ideal for
High-density Mounting
• Tape packing style also available
• Allows reflow soldering
• 3 actuator heights for design flexibility; Projected
plunger versions allow installation of B32-series
keytops
■ List of Models
Note:
Order in multiples of the minimum order unit. Switches are not sold individually.
RoHS Compliant
Type
Plunger type
Height
Operating
force (OF)
Plunger
color
Bag
Embossed taping
Model
Quantity
per
package
Model
Quantity
per
package
6
× 6 mm
B3FS-1000
models
3.1 mm
0.98 N {100 gf} Black
B3FS-1000
100
B3FS-1000P 3,000
1.47 N {150 gf} Ivory
B3FS-1002
B3FS-1002P
2.55 N {260 gf} Blue
B3FS-1005
B3FS-1005P
4.3 mm
0.98 N {100 gf} Black
B3FS-1010
B3FS-1010P 1,000
1.47 N {150 gf} Ivory
B3FS-1012
B3FS-1012P
2.55 N {260 gf} Blue
B3FS-1015
B3FS-1015P
7.3 mm
0.98 N {100 gf} Black
B3FS-1050
B3FS-1050P
1.47 N {150 gf} Yellow
B3FS-1052
B3FS-1052P
(Flat type)
(Flat type)
(Projected type)


Similar Part No. - B3FS-1010P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3FS-1010P OMRON-B3FS-1010P Datasheet
610Kb / 4P
Tactile Switch (SMD)
B3FS-1010P OMRON-B3FS-1010P Datasheet
562Kb / 4P
Tactile Switch (SMD)
More results

Similar Description - B3FS-1010P

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCS JBCAPACITORS-JCS Datasheet
390Kb / 1P
Designed for surface mounting on high density circuit board
logo
MERITEK ELECTRONICS COR...
SREJ MERITEK-SREJ Datasheet
745Kb / 4P
For high density mounting
SREL MERITEK-SREL Datasheet
768Kb / 4P
For high density mounting
SREM MERITEK-SREM Datasheet
751Kb / 4P
For high density mounting
logo
List of Unclassifed Man...
ANT-418-SP ETC2-ANT-418-SP Datasheet
286Kb / 1P
Ideal for concealed / internal mounting
ANT-868-SP ETC2-ANT-868-SP Datasheet
285Kb / 1P
Ideal for concealed / internal mounting
logo
Linx Technologies
ANT-2.4-USP LINX-ANT-2.4-USP Datasheet
1Mb / 3P
Ideal for concealed / internal mounting
1/3/2017
ANT-458-SP LINX-ANT-458-SP Datasheet
573Kb / 2P
Ideal for concealed / internal mounting
2017
ANT-433-USP LINX-ANT-433-USP Datasheet
1Mb / 3P
Ideal for concealed / internal mounting
1/3/2017
ANT-403-SP LINX-ANT-403-SP Datasheet
566Kb / 2P
Ideal for concealed / internal mounting
1/3/2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com