Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP805 Datasheet(PDF) 6 Page - 3M Electronics

Part # DP805
Description  Acrylic Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP805 Datasheet(HTML) 6 Page - 3M Electronics

  DP805 Datasheet HTML 1Page - 3M Electronics DP805 Datasheet HTML 2Page - 3M Electronics DP805 Datasheet HTML 3Page - 3M Electronics DP805 Datasheet HTML 4Page - 3M Electronics DP805 Datasheet HTML 5Page - 3M Electronics DP805 Datasheet HTML 6Page - 3M Electronics DP805 Datasheet HTML 7Page - 3M Electronics DP805 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3M™ Scotch-Weld™
Acrylic Adhesives
DP805 • DP820
- 6 -
Handling/
Curing
Information
Directions for Use
1. For high strength structural bonds, paint, oxide films, oils, dust, mold release agents and all
other surface contaminants must be completely removed. The amount of surface preparation
depends on the required bond strength, environmental aging resistance desired by user. For
suggested surface preparations on common substrates, see the section on surface preparation.
2. Mixing
For Duo-Pak Cartridges
3M™ Scotch-Weld™ Acrylic Adhesives DP805 and DP820 are supplied in a dual syringe
plastic duo-pak cartridge as part of the 3M™ EPX™ Applicator System. To use, simply insert
the duo-pak cartridge into the EPX applicator and start the plunger into the cylinders using
light pressure on the trigger. Next, remove the duo-pak cartridge cap and expel a small amount
of adhesive to be sure both sides of the duo-pak cartridge are flowing evenly and freely. If
automatic mixing of Part A and Part B is desired, attach the EPX mixing nozzle to the duo-pak
cartridge and begin dispensing the adhesive. For hand mixing, expel the desired amount of
adhesive and mix thoroughly. Mix approximately 15 seconds after uniform color is obtained.
For Bulk Containers
Mix thoroughly by weight or volume in the proportions specified on the product label or in
the typical uncured properties section. Mix approximately 15 seconds after uniform color is
obtained.
3. For maximum bond strength, apply adhesive evenly to both surfaces to be joined.
4. Application to the substrates should be made within 2 minutes for Scotch-Weld acrylic
adhesive DP805 or 15 minutes for Scotch-Weld acrylic adhesive DP820. Larger quantities
and/or higher temperatures will reduce this working time.
5. Join the adhesive coated surfaces and allow to cure at 60°F (16°C) or above until completely
firm. Heat up to 120°F-150°F (49°C-66°C) will speed up curing. Scotch-Weld acrylic adhesive
DP805 will fully cure in 8-24 hours @ 73°F (23°C) and Scotch-Weld acrylic adhesive DP820
will fully cure in 24-48 hours @ 73°F (23°C).
6. Keep parts from moving during cure. Contact pressure necessary. Maximum shear strength is
obtained with a 3-5 mil bond line.
7. Excess uncured adhesive can be cleaned up with ketone type solvents.*
8. Once Scotch-Weld acrylic adhesive DP805 has been applied to a surface, it is best to join the two
mating surfaces together as soon as possible. The reason for this is that after approximately one
minute Scotch-Weld acrylic adhesive DP805 may begin to form a very thin “skin” over the
exposed surface. If left exposed long enough (2-3 minutes), a thick enough “skin” may form
which will inhibit the proper wetting needed to achieve maximum performance. In instances
where an extended exposed open time is required, it is still possible to achieve excellent bonds
by coating both substrates to be joined and making the bond in such a manner as to rupture the
“skin” surface. Scotch-Weld acrylic adhesive DP820 does not exhibit this skinning characteristic.
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and follow the
manufacturer’s precautions and directions for use.
Adhesive Coverage: A 0.005 in. thick bondline will yield a coverage of
320 sq. ft./gallon (typical).
Note: The data in this technical data sheet were generated using the 3MTM EPXTM Applicator System equipped with
an EPX static mixing nozzle, according to manufacturer’s directions. Thorough hand mixing should offer
comparable results.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com