Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFOS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EFOS
Description  Ceramic Res o na tors, Chip Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFOS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EFOS Datasheet HTML 1Page - Panasonic Semiconductor EFOS Datasheet HTML 2Page - Panasonic Semiconductor EFOS Datasheet HTML 3Page - Panasonic Semiconductor EFOS Datasheet HTML 4Page - Panasonic Semiconductor EFOS Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Resonators, Chip Type
– EC166 –
E
F
O
4004
Product Code
Ceramic
Resonators
EFO
Nominal Oscillation
Frequency
4004
Frequency
Tolerance
±1.0 %
±0.3 %
±0.5 %
0
3
5
Design No.
Packaging Style
B
E
Bulk Pack
Embossed
Taping
Type
Built-In Capacitors
Type with 3-terminals
SS
SM
BM
JM
4to13MHz
4to13MHz
12 to 20 MHz
16 to 20 MHz
30 to 50 MHz
4.00 MHz
16.93 MHz
20.00 MHz
40.00 MHz
(Example)
123456789
10
11
12
1695
2005
4005
E
F
O
3584
Product Code
Ceramic
Resonators
EFO
Nominal Oscillation
Frequency
3584
Frequency
Tolerance
±1.0 %
±0.3 %
±0.5 %
0
3
5
Design No.
Packaging Style
B
E
Bulk Pack
Embossed
Taping
Type
Built-In Capacitors
Type with 3-terminals
S
B
2to13MHz
13.1 to 20 MHz
3.58 MHz
(Example)
123456789
10
11
12
1695
16.93 MHz
Ceramic Resonators, Chip Type
(3 Array Type)
Type:
EFOS
Type:
EFOB
Type:
EFOSS
Type:
EFOSM
Type:
EFOBM
Type:
EFOJM
■ Features
● Encased in a ceramic package
● High reliability against soldering heat and mechanical
stress
● Moisture-proof sealing
● 1.2 mm maximum (SS/SM/BM/JM),
● Designed for reflow soldering
● Flat-bottom plate for better mountings
● Simplifies oscillation circuits by reducing the number
of circuit parts
● RoHS compliant
■ Handling Precautions (See Page 175 to 176)
■ Recommended Applications
● Clock generator for microprocessors
● Carrier circuit between telecommunication equipment
(Telephone to telephone, personal computer to printer)
■ Explanation of Part Numbers
Part Number
Frequency range
(MHz)
Frequency Temperature Characteristics
(–20 to +80 °C)
Built-in Capacitors
(Reference)
EFOS
2.00 to 8.39
±0.2 %
33 pF
8.40 to 13.0
±1.0 %
EFOB
13.1 to 20.0
±0.5 %
33 pF
EFOSS
4.00 to 8.39
±0.2 %
21 pF
8.40 to 13.0
±0.3 %
EFOSM
4.00 to 8.39
±0.2 %
33 pF
8.40 to 13.0
±1.0 %
EFOBM
12.0 to 20.0
±0.3 %
18 pF
EFOJM
16.0 to 20.0
±0.5 %
10 pF
30.0 to 50.0
±0.2 %
■ Packaging Specifications
See Page 169 to 177
01 Feb. 2009


Similar Part No. - EFOS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFOS PANASONIC-EFOS Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
logo
Pacific Silicon Sensor,...
EFOS PACIFIC-EFOS Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type
logo
Panasonic Semiconductor
EFOS1005B5 PANASONIC-EFOS1005B5 Datasheet
562Kb / 3P
eramic Resonators, Chip Type (Built-In Capacitors Type)
EFOS1005E5 PANASONIC-EFOS1005E5 Datasheet
562Kb / 3P
eramic Resonators, Chip Type (Built-In Capacitors Type)
EFOS1205B5 PANASONIC-EFOS1205B5 Datasheet
562Kb / 3P
eramic Resonators, Chip Type (Built-In Capacitors Type)
More results

Similar Description - EFOS

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM339M ESTEK-LM339M Datasheet
143Kb / 2P
Quadruple Differential Compara tors
logo
Panasonic Semiconductor
EFO-BM2005E5 PANASONIC-EFO-BM2005E5 Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type (3 Array Type)
ERJ-P08J152V PANASONIC-ERJ-P08J152V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Re sis tors
EFOS PANASONIC-EFOS Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
ERJP14J1R0U PANASONIC-ERJP14J1R0U Datasheet
142Kb / 5P
Anti-Surge Thick Film Chip Re sis tors
EFO-P3584E5 PANASONIC-EFO-P3584E5 Datasheet
246Kb / 4P
Ceramic Resonators, Chip Type
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
Carbon Film Re sis tors
logo
Pacific Silicon Sensor,...
EFO-S4004E5 PACIFIC-EFO-S4004E5 Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type
logo
Panasonic Semiconductor
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
logo
Dialog Semiconductor
SLG88103 DIALOG-SLG88103 Datasheet
3Mb / 22P
Rail to Rail I/O 375 nA/Amp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com