Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS412F Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # MS412F
Description  MS Lithium Rechargeable Battery
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MS412F Datasheet(HTML) 1 Page - Seiko Instruments Inc

  MS412F Datasheet HTML 1Page - Seiko Instruments Inc MS412F Datasheet HTML 2Page - Seiko Instruments Inc MS412F Datasheet HTML 3Page - Seiko Instruments Inc MS412F Datasheet HTML 4Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
Micro Battery 2007-2008
MS Lithium Rechargeable Battery
3V Type
MS412FE/MS518SE/MS614E/MS614SE/MS621FE/MS920SE
MS (Manganese Silicon) lithium rechargeable batteries,
developed by Seiko Instruments Inc., use silicon oxide
as the anode and a lithium manganese composite oxide
as the cathode. As a result, they offer long cycle life and
highly stable overdischarge characteristics.
• Backup power supply for memory or clock function
in various types of electronic equipment for mobile
communication, office automation, audio-visual equipment,
mobile information equipment, etc. (cellphone, PHS,
cordless phone, pager, memory card, fax machine, PC,
video camera, digital camera, tuner, handy terminal, PDA,
etc.)
• Hybrid power supply in combination with solar cells.
• Main power supply for small and slim portable equipment.
Gasket
Negative
cap
Negative
electrode
Separater
Positive
electrode
Positive
case
<Cross Section>
MS412FE
MS518SE
MS614E
MS614SE
MS621FE
MS920SE
0.07
0.13
0.17
0.17
0.23
0.47
Type
3
3
3
3
3
3
1.0
3.4
2.3
3.4
5.5
11.0
0.010
0.010
0.015
0.015
0.015
0.050
0.10
0.15
0.25
0.25
0.25
0.80
100
100
100
100
100
100
1000
1000
1000
1000
1000
1000
4.8
5.8
6.8
6.8
6.8
9.5
1.2
1.8
1.4
1.4
2.1
2.1
100
60
50
80
80
35
Nominal
Voltage
(V)
Nominal
Capacity
(mAh)*1
Standard
Charge/
Discharge
Current
(mA)
Internal
Impedance
(
Ω)*2
Charge Voltage
(Standard
Charge Voltage)*6
(V)
Maximum
Discharge
Current
(Continuous)
(mA)*3
100%*5
D.O.D.
(Depth of
Discharge)
20%*5
D.O.D.
(Depth of
Discharge)
2.8 to 3.3 (3.1)
2.8 to 3.3 (3.1)
2.8 to 3.3 (3.3)
2.8 to 3.3 (3.1)
2.8 to 3.3 (3.1)
2.8 to 3.3 (3.1)
Size (mm)
Diameter
Height
Weight
(g)
Cycle Life (Time)*4
FEATURES
• Large discharge capacity :
For high operational voltage range of 3.3V to 2.0V.
• Long cycle life :
Cycle life of over 100 cycles under charge/discharge
conditions of 3.3V to 2.0V (D.O.D.100%).
• Excellent overdischarge characteristics :
Continued stable capacity characteristics even after the
battery is overdischarged down to 0.0V.
• Operation over a wide temperature range:
Operating temperature range : −20°C to +60°C
Consult us for using the battery at a temperature beyond
the above temperature range.
• RoHS Compliant
APPLICATIONS
SPECIFICATIONS
*1. Nominal capacity: Typical value of discharge capacity between 3.1V and 2.0V
(Note that the discharge capacity of MS614E is between 3.3V and 2.0V.)
*2. Internal impedance is measured using an AC (Alternating Current) method at the fully charged state.
*3. Maximum discharge current indicates the value of a current for approximately 50% of the nominal capacity.
*4. Cycle Life indicates the times charge/discharge is repeated for approximately 50% of the capacity values in the specification sheet.
*5. 100% and 20% are based on nominal capacity.
*6. A constant voltage charge is recommended, but due to a limit in charge current, it is necessary to insert a resistor to regulate the
charge current.
Contact us for further details.
If a constant current charge is required, contact us for more information.


Similar Part No. - MS412F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS4128-5 ETC1-MS4128-5 Datasheet
661Kb / 2P
Industrial Networking:Industrial Ethernet:MICE:Switches
logo
Coilcraft lnc.
MS412PJB COILCRAFT-MS412PJB Datasheet
245Kb / 2P
High-Reliability Power Inductors
MS412PJB102MSZ COILCRAFT-MS412PJB102MSZ Datasheet
245Kb / 2P
High-Reliability Power Inductors
MS412PJB103MSZ COILCRAFT-MS412PJB103MSZ Datasheet
245Kb / 2P
High-Reliability Power Inductors
MS412PJB104MSZ COILCRAFT-MS412PJB104MSZ Datasheet
245Kb / 2P
High-Reliability Power Inductors
More results

Similar Description - MS412F

ManufacturerPart #DatasheetDescription
logo
Power Sonic Corporation
PSL-12500 POWER-SONIC-PSL-12500 Datasheet
2Mb / 2P
Rechargeable Lithium Battery
PSL-BTC-1290 POWER-SONIC-PSL-BTC-1290 Datasheet
902Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-12500 POWER-SONIC-PSL-BTP-12500 Datasheet
911Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-12750 POWER-SONIC-PSL-BTP-12750 Datasheet
831Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-122000 POWER-SONIC-PSL-BTP-122000 Datasheet
942Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-241000 POWER-SONIC-PSL-BTP-241000 Datasheet
944Kb / 2P
Rechargeable Lithium Battery
PSL-SC-1290 POWER-SONIC-PSL-SC-1290 Datasheet
771Kb / 2P
Rechargeable Lithium Battery
PSL-SC-12100 POWER-SONIC-PSL-SC-12100 Datasheet
683Kb / 2P
Rechargeable Lithium Battery
PSL-SC-12120 POWER-SONIC-PSL-SC-12120 Datasheet
717Kb / 2P
Rechargeable Lithium Battery
PSL-SC-12500 POWER-SONIC-PSL-SC-12500 Datasheet
727Kb / 2P
Rechargeable Lithium Battery
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com