Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS412FE Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # MS412FE
Description  MS Lithium Rechargeable Battery
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MS412FE Datasheet(HTML) 3 Page - Seiko Instruments Inc

  MS412FE Datasheet HTML 1Page - Seiko Instruments Inc MS412FE Datasheet HTML 2Page - Seiko Instruments Inc MS412FE Datasheet HTML 3Page - Seiko Instruments Inc MS412FE Datasheet HTML 4Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8
Micro Battery 2007-2008
MS Lithium Rechargeable Battery
3V Type
1.5
2.0
2.5
3.5
3.0
0.0
1.0
2.0
4.0
3.0
30 days
Initial
180 days
90 days
Overdischarge: 18k
Ω discharge/respective period
[Capacity measurement conditions]
Charge: max. 0.1mA/3.1V, 96 hours (CC/CV)
Discharge: 15
μA/c.o.v. = 2.0V (CC)
Capacity [mAh]
Overdischarge Characteristics
1.0
1.5
2.0
2.5
3.5
3.0
0.0
1.0
2.0
4.0
3.0
–20
°C
0
°C
40
°C
60
°C
25
°C
Discharge capacity (mAh)
Charge: max. 0.1mA/3.1V, 96 hours, RT (CC/CV)
Discharge: 15
μA/c.o.v. = 2.0V, respective temperature (CC)
Discharge Temperature Characteristics
1.0
1.5
2.0
2.5
3.5
3.0
0.0
1.0
2.0
4.0
3.0
20 days
Initial
100 days
200 days
150 days
60 days
80 days
Capacity (mAh)
Storage condition: respective period at 60
°C
[Capacity measurement conditions]
Charge: max. 0.1mA/3.1V, 96 hours (CC/CV)
Discharge: 15
μA/c.o.v. = 2.0V (CC)
High Temperature (60
°C) Storage Characteristics
1.0
1.5
2.0
2.5
3.5
3.0
0.0
1.0
2.0
4.0
3.0
Initial
100 days
150 days
200 days
40 days
60 days
80 days
20 days
Capacity (mAh)
Storage conditions: Each period at 60
°C, applied voltage 3.1V
[Capacity measurement conditions]
Charge: max. 0.1mA/3.1V, 96 hours (CC/CV)
Discharge: 15
μA/c.o.v. = 2.0V (CC)
Floating Characteristics (60
°C, applied voltage 3.1V)
1.75
±0.1
2.2
±0.5
1.6
±0.5
(Sn plated portion)
MS412FE FL26E
(9.2)
2.2
±0.5
2.2
±0.5
1.6
±0.5
MS412FE IL21E
MS518SE FL35E
1.75
±0.1
2.2
±0.3
1.6
±0.5
(Sn plated portion)
(Sn plated portion)
Recommend
Recommend
- Contact Seiko Instruments Inc. for batteries with terminals other than the above shapes.
- Units: mm
- The hatched parts are tin plated (Sn: 100%).
CHARACTERISTICS (MS614SE)
DIMENSIONS OF STANDARD TERMINALS OF MS LITHIUM RECHARGEABLE BATTERIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com