Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306EN Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1306EN
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306EN Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1306EN Datasheet HTML 1Page - Dallas Semiconductor DS1306EN Datasheet HTML 2Page - Dallas Semiconductor DS1306EN Datasheet HTML 3Page - Dallas Semiconductor DS1306EN Datasheet HTML 4Page - Dallas Semiconductor DS1306EN Datasheet HTML 5Page - Dallas Semiconductor DS1306EN Datasheet HTML 6Page - Dallas Semiconductor DS1306EN Datasheet HTML 7Page - Dallas Semiconductor DS1306EN Datasheet HTML 8Page - Dallas Semiconductor DS1306EN Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS1306
5 of 20
CLOCK, CALENDAR, AND ALARM
The time and calendar information is obtained by reading the appropriate register bytes. The real time
clock registers are illustrated in Figure 3. The time, calendar, and alarm are set or initialized by writing
the appropriate register bytes. Note that some bits are set to 0. These bits will always read 0 regardless
of how they are written. Also note that registers 12h to 1Fh (read) and registers 92h to 9Fh are reserved.
These registers will always read 0 regardless of how they are written. The contents of the time, calendar,
and alarm registers are in the Binary-Coded Decimal (BCD) format.
RTC REGISTERS Figure 3
RTC REGISTERS DS1306
HEX ADDRESS
READ
WRITE
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RANGE
00H
80H
0
10 SEC
SEC
00-59
01H
81H
0
10 MIN
MIN
00-59
10
01-12 + P/A
02H
82H
0
12/2
4
P/A
10 HR
HOURS
00-23
03H
83H
0
0
0
0
0
DAY
01-07
04H
84H
0
0
10 DATE
DATE
1-31
05H
85H
0
0
10 MONTH
MONTH
01-12
06H
86H
10 YEAR
YEAR
00-99
Alarm 0
07H
87H
M
10 SEC ALARM
SEC ALARM
00-59
08H
88H
M
10 MIN ALARM
MIN ALARM
00-59
10
01-12 + P/A
09H
89H
M
12/2
4
P/A
10 HR
HOUR ALARM
00-23
0AH
8AH
M
0
0
0
0
DAY ALARM
01-07
Alarm 1
0BH
8BH
M
10 SEC ALARM
SEC ALARM
00-59
0CH
8CH
M
10 MIN ALARM
MIN ALARM
00-59
10
01-12 + P/A
0DH
8DH
M
12/2
4
P/A
10 HR
HOUR ALARM
00-23
0EH
8EH
M
0
0
0
0
DAY ALARM
01-07
0FH
8FH
CONTROL REGISTER
10H
90H
STATUS REGISTER
11H
91H
TRICKLE CHARGER REGISTER
12-1FH
92-9FH
RESERVED
NOTE:
Range for alarm registers does not include mask’m’ bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com