Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF8NM60ND Datasheet(PDF) 13 Page - STMicroelectronics

Part # STF8NM60ND
Description  N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NM60ND Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STF8NM60ND Datasheet HTML 9Page - STMicroelectronics STF8NM60ND Datasheet HTML 10Page - STMicroelectronics STF8NM60ND Datasheet HTML 11Page - STMicroelectronics STF8NM60ND Datasheet HTML 12Page - STMicroelectronics STF8NM60ND Datasheet HTML 13Page - STMicroelectronics STF8NM60ND Datasheet HTML 14Page - STMicroelectronics STF8NM60ND Datasheet HTML 15Page - STMicroelectronics STF8NM60ND Datasheet HTML 16Page - STMicroelectronics STF8NM60ND Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STx8NM60ND
Package mechanical data
13/17
DIM.
mm.
min.
typ
max.
A
2.20
2.40
A1
0.901.10
b
0.64
0.90
b2
0.95
b4
5.20
5.40
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
E
6.40
6.60
e2.28
e1
4.40
4.60
H
16.10
L
9.00
9.40
(L1)
0.801.20
L2
0.80
V1
10 o
TO-251 (IPAK) mechanical data
0068771_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com