Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2001TP Datasheet(PDF) 2 Page - Newhaven Display International, Inc.

Part # A2001TP
Description  A2001 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

A2001TP Datasheet(HTML) 2 Page - Newhaven Display International, Inc.

  A2001TP Datasheet HTML 1Page - Newhaven Display International, Inc. A2001TP Datasheet HTML 2Page - Newhaven Display International, Inc. A2001TP Datasheet HTML 3Page - Newhaven Display International, Inc. A2001TP Datasheet HTML 4Page - Newhaven Display International, Inc. A2001TP Datasheet HTML 5Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A2001-T
A2001 SERIES
2.00mm pitch Crimp Terminal
2.00mm pitch Housing
CHANGJIANG CONNECTORS TEL:86-755-29959119 29959129 FAX:86-755-29959139 Http://www.CJT.cn
Reference Informations:
*Used in CJT A2001 series Housing
A2001H-3P
A2001H-4P
A2001H-5P
A2001H-6P
A2001H-7P
A2001H-8P
A2001H-9P
Ordering Information & Dimensions:
A2001H-10P
A2001H-11P
A2001H-12P
A2001H-13P
A2001H-14P
A2001H-15P
8.00
22.00
26.00
28.00
24.00
12.00
14.00
16.00
10.00
18.00
20.00
Unit: mm
25.80
29.80
17.80
13.80
21.80
4.00
2.00
A
6.00
B
7.80
5.80
9.80
A2001H-2P
PART NO.
2.00mm pitch wire to board connector
A2001H
Part NO
Wire Range
Insulation O.D.
Material
Finish
Qty/reel
Ordering information
& Specifications:
Unit:mm
Reference Informations:
*Material:Nylon 66,UL94V-0
*Suitable CJT A2001 series Terminal
*Mates with CJT A2001 series Wafer
*Color:White
SEC:A-A
SEC:B-B
A2001-GP
AWG#
24-#30
1.50mm(max)
Phosphor Bronze Gold over Nickel 10,000 PCS
A2001-TP
AWG#
24-#30
1.50mm(max)
Phosphor Bronze
Tin over Nickel
10,000 PCS
Optional Gold plating available but MOQ requested
A±0.20
2.00±0.10
B±0.25
4.50±0.20
3.45±0.20
Circuit 1
A2001H-16P
A2001H-17P
A2001H-18P
32.00
34.00
30.00
35.80
37.80
33.80
0.20
0.45±0.20
1.00
1.40±0.20
2.20±0.25
1.70±0.25
0.71
A
A
B
B
A2001H-20P
38.00
41.80
A2001H-19P
36.00
39.80
Dimensions
11.80
31.80
27.80
15.80
19.80
23.80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com