Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1386P Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1386P
Description  RAMified Watchdog Timekeeper
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1386P Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1386P Datasheet HTML 1Page - Dallas Semiconductor DS1386P Datasheet HTML 2Page - Dallas Semiconductor DS1386P Datasheet HTML 3Page - Dallas Semiconductor DS1386P Datasheet HTML 4Page - Dallas Semiconductor DS1386P Datasheet HTML 5Page - Dallas Semiconductor DS1386P Datasheet HTML 6Page - Dallas Semiconductor DS1386P Datasheet HTML 7Page - Dallas Semiconductor DS1386P Datasheet HTML 8Page - Dallas Semiconductor DS1386P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS1386/DS1386P
2 of 20
ORDERING INFORMATION
DS1386
XX-120
32-pin DIP Module
08
8k x 8 NV SRAM
32
32k x 8 NV SRAM
*DS1386P
XX-120
34-pin PowerCap® Module Board
08
8k x 8 NV SRAM
32
32k x 8 NV SRAM
*DS9034PCX
PowerCap required
(must be ordered separately)
PIN DESCRIPTION
INTA
- Interrupt Output A (open drain)
INTB
(INTB)
- Interrupt Output B (open drain)
A0-A14
- Address Inputs
DQ0-DQ7
- Data Input/Output
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- +5V
GND
- Ground
SQW
- Square Wave Output
NC
- No Connection
X1, X2
- Crystal Connection
VBAT
- Battery Connection
DESCRIPTION
The DS1386 is a nonvolatile static RAM with a full-function Real Time Clock (RTC), alarm, watchdog
timer, and interval timer which are all accessible in a byte-wide format. The DS1386 contains a lithium
energy source and a quartz crystal, which eliminates the need for any external circuitry. Data contained
within 8k or 32k by 8-bit memory and the timekeeping registers can be read or written in the same
manner as bytewide static RAM. The timekeeping registers are located in the first 14 bytes of memory
space. Data is maintained in the RAMified Timekeeper by intelligent control circuitry, which detects the
status of VCC and write protects memory when VCC is out of tolerance. The lithium energy source can
maintain data and real time for over ten years in the absence of VCC. Timekeeper information includes
hundredths of seconds, seconds, minutes, hours, day, date, month, and year. The date at the end of the
month is automatically adjusted for months with less than 31 days, including correction for leap year.
The RAMified Timekeeper operates in either 24-hour or 12-hour format with an AM/PM indicator. The
watchdog timer provides alarm interrupts and interval timing between 0.01seconds and 99.99 seconds.
The real time alarm provides for preset times of up to one week. Interrupts for both watchdog and RTC
will operate when system is powered down. Either can provide system “wake-up” signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com