Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9034PCX Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS9034PCX
Description  RAMified Watchdog Timekeeper
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS9034PCX Datasheet HTML 12Page - Dallas Semiconductor DS9034PCX Datasheet HTML 13Page - Dallas Semiconductor DS9034PCX Datasheet HTML 14Page - Dallas Semiconductor DS9034PCX Datasheet HTML 15Page - Dallas Semiconductor DS9034PCX Datasheet HTML 16Page - Dallas Semiconductor DS9034PCX Datasheet HTML 17Page - Dallas Semiconductor DS9034PCX Datasheet HTML 18Page - Dallas Semiconductor DS9034PCX Datasheet HTML 19Page - Dallas Semiconductor DS9034PCX Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS1386/1386P
16 of 20
NOTES
1. WE is high for a read cycle.
2. OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high impedance
state.
3. tWP is specified as the logical AND of the CE and WE . tWP is measured from the latter of CE or WE
going low to the earlier of CE or WE going high.
4. tDS or tDH are measured from the earlier of CE or WE going high.
5. tDH is measured from WE going high. If CE is used to terminate the write cycle, then tDH = 20 ns for
-120 parts and tDH = 25 ns for -150 parts.
6. If the CE low transition occurs simultaneously with or later than the WE low transition in write cycle
1, the output buffers remain in a high impedance state during this period.
7. If the CE high transition occurs prior to or simultaneously with the WE high transition, the output
buffers remain in a high impedance state during this period.
8. If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition,
the output buffers remain in a high impedance state during this period.
9. Each DS1386 is marked with a four-digit date code AABB. AA designates the year of manufacture.
BB designates the week of manufacture. The expected tDR is defined for DIP modules as starting at
the date of manufacture.
10. All voltages are referenced to ground.
11. Applies to both interrupt pins when the alarms are set to pulse.
12. Interrupt output occurs within 100 ns on the alarm condition existing.
13. Both INTA and INTB ( INTB ) are open drain outputs.
14. Real-Time Clock modules (DIP) can be successfully processed through conventional wave-soldering
techniques as long as temperature exposure to the lithium energy source contained within does not
exceed +85°C. Post solder cleaning with water washing techniques is acceptable, provided that
ultrasonic vibration is not used.
In addition, for the PowerCap version:
a. Dallas Semiconductor recommends that PowerCap module bases experience one pass through solder
reflow oriented with the label side up (“live-bug”).
b. Hand soldering and touch-up: Do not touch or apply the soldering iron to leads for more than
3 (three) seconds. To solder, apply flux to the pad, heat the lead frame pad and apply solder. To
remove the part, apply flux, heat the lead frame pad until the solder reflows and use a solder wick to
remove solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com