Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9034PCX Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS9034PCX
Description  256K NV Y2KC Timekeeping RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS9034PCX Datasheet HTML 12Page - Dallas Semiconductor DS9034PCX Datasheet HTML 13Page - Dallas Semiconductor DS9034PCX Datasheet HTML 14Page - Dallas Semiconductor DS9034PCX Datasheet HTML 15Page - Dallas Semiconductor DS9034PCX Datasheet HTML 16Page - Dallas Semiconductor DS9034PCX Datasheet HTML 17Page - Dallas Semiconductor DS9034PCX Datasheet HTML 18Page - Dallas Semiconductor DS9034PCX Datasheet HTML 19Page - Dallas Semiconductor DS9034PCX Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
DS1554
16 of 21
POWER-UP/DOWN CHARACTERISTICS
(0
°C to 70°C; V
CC = 3.3V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE
or WE at VIH , Before
Power-Down
tPD
0
µs
VCC Fall Time: VPF(MAX) to
VPF(Min)
tF
300
µs
VCC Rise Time: VPF(MIN) to
VPF(MAX)
tR
0
µs
VPF to RST High
tREC
40
200
ms
Expected Data Retention Time
(Oscillator On)
tDR
10
years
6, 7
POWER-UP/DOWN WAVEFORM TIMING 3.3-VOLT DEVICE Figure 9
CAPACITANCE
(TA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance on all input pins
CIN
7pF
1
Capacitance on IRQ /FT, RST ,
and DQ pins
CIO
10
pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com