Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9034PC Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS9034PC
Description  256k Nonvolatile SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PC Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS9034PC Datasheet HTML 1Page - Dallas Semiconductor DS9034PC Datasheet HTML 2Page - Dallas Semiconductor DS9034PC Datasheet HTML 3Page - Dallas Semiconductor DS9034PC Datasheet HTML 4Page - Dallas Semiconductor DS9034PC Datasheet HTML 5Page - Dallas Semiconductor DS9034PC Datasheet HTML 6Page - Dallas Semiconductor DS9034PC Datasheet HTML 7Page - Dallas Semiconductor DS9034PC Datasheet HTML 8Page - Dallas Semiconductor DS9034PC Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS1230Y/AB
5 of 12
AC ELECTRICAL CHARACTERISTICS (cont'd)
DS1230AB-120
DS1230Y-120
DS1230AB-150
DS1230Y-150
DS1230AB-200
DS1230Y-200
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle
Time
tRC
120
150
200
ns
Access Time
tACC
120
150
200
ns
OE
to Output
Valid
tOE
60
70
100
ns
CE
to Output
Valid
tCO
120
150
200
ns
OE
or CE to
Output Active
tCOE
55
5
ns
5
Output High Z
from
Deselection
tOD
35
35
35
ns
5
Output Hold
from Address
Change
tOH
55
5
ns
Write Cycle
Time
tWC
120
150
200
ns
Write Pulse
Width
tWP
90
100
100
ns
3
Address Setup
Time
tAW
00
0
ns
Write Recovery
Time
tWR1
tWR2
5
15
5
15
5
15
ns
12
13
Output High Z
from WE
tODW
35
35
35
ns
5
Output Active
from WE
tOEW
55
5
ns
5
Data Setup
Time
tDS
50
60
80
ns
4
Data Hold Time
tDH1
tDH2
0
10
0
10
0
10
ns
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com