Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9034PCX Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS9034PCX
Description  4MEG NV Y2KC Timekeeping RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS9034PCX Datasheet HTML 11Page - Dallas Semiconductor DS9034PCX Datasheet HTML 12Page - Dallas Semiconductor DS9034PCX Datasheet HTML 13Page - Dallas Semiconductor DS9034PCX Datasheet HTML 14Page - Dallas Semiconductor DS9034PCX Datasheet HTML 15Page - Dallas Semiconductor DS9034PCX Datasheet HTML 16Page - Dallas Semiconductor DS9034PCX Datasheet HTML 17Page - Dallas Semiconductor DS9034PCX Datasheet HTML 18Page - Dallas Semiconductor DS9034PCX Datasheet HTML 19Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
DS1557
16 of 19
AC TEST CONDITIONS
Output Load:
100 pF + 1TTL Gate
Input Pulse Levels:
0.0 to 3.0 Volts
Timing Measurement Reference Levels:
Input: 1.5V
Output: 1.5V
Input Pulse Rise and Fall Times: 5 ns
NOTES:
1. Voltage referenced to ground.
1. Typical values are at 25
°C and nominal supplies.
3. Outputs are open.
4. Battery switch over occurs at the lower of either the battery voltage or VPF.
5. The IRQ /FT and RST outputs are open drain.
6. Data retention time is at 25
°C.
7. Dallas Semiconductor recommends that PowerCap Module bases experience one pass through solder
reflow oriented with the label side up (“live-bug”).
8. Hand soldering and touch-up: Do not touch or apply the soldering iron to leads for more than 3
seconds. To solder, apply flux to the pad, heat the lead frame pad and apply solder. To remove the
part, apply flux, heat the lead frame pad until the solder reflow and use a solder wick to remove
solder.
9. tAH1, tDH1 are measured from WE going high.
10. tAH2, tDH2 are measured from CE going high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com