Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1609 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1609
Description  Dual Port RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1609 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1609 Datasheet HTML 1Page - Dallas Semiconductor DS1609 Datasheet HTML 2Page - Dallas Semiconductor DS1609 Datasheet HTML 3Page - Dallas Semiconductor DS1609 Datasheet HTML 4Page - Dallas Semiconductor DS1609 Datasheet HTML 5Page - Dallas Semiconductor DS1609 Datasheet HTML 6Page - Dallas Semiconductor DS1609 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS1609
020499 4/7
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.5V to +7.0V
Operating Temperature
–40
°C to +85°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(–40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply
VCC
4.5
5.0
5.5
V
1
Input Logic 1
VIH
2.0
VCC + 0.3
V
1
Input Logic 0
VIL
–0.3
+0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; VCC = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Impedance
ZIN
50K
Ω
2
CE, WE, OE Leakage
ILO
–1.0
+1.0
µA
Standby Current
ICCS1
3.0
5.0
mA
3, 4, 13
Standby Current
ICCS2
50
300
µA
3, 5, 13
Standby Current
ICCS3
100
nA
3, 6, 13
Operating Current
ICC
18
30
mA
7, 13
Logic 1 Output
VOH
2.4
V
8
Logic 0 Output
VOL
0.4
V
9
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
10
pF
I/O Capacitance
CI/O
5
10
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com