Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVC3100 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # FVC3100
Description  FVC Series Voltage Control Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FVC3100 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FVC3100 Datasheet HTML 1Page - Bourns Electronic Solutions FVC3100 Datasheet HTML 2Page - Bourns Electronic Solutions FVC3100 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■
Formerly
brand
■
Extremely low capacitance
■
Very high bandwidth
■
Small package, minimal PCB area
■
RoHS compliant*
Applications
■
GR-1089
■
ITU K.20 and K.21
■
ADSL2+ and VDSL2 linecards
■
LAN, WAN equipment
FVC Series Voltage Control Devices
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Voltage Control
Bourns® voltage control devices are used with high-speed series protectors to protect sensitive circuits from electrical disturbances
caused by lightning-induced surges, inductive-coupled spikes, and AC power cross conditions. The unique structure and character-
istics of the device are used to create an overvoltage protection device with precise and repeatable turn-on characteristics with low
voltage overshoot and high surge current capabilities.
Specifications
Part Number
Surge Rating
Electrical Characteristics
IPP
(A)
VDRM
(V)
VS
(V)
VT
(V)
IDRM
(µA)
IS
(mA)
IT
(A)
IH
(mA)
CO
(pF)
FVC2300
4
190
260
3
5
400
1
150
6
FVC3100
4
275
350
3
5
400
1
150
6
IPP (peak pulse current) - maximum rated peak impulse current with
1.2/50 µs waveform
VDRM (peak off-state voltage) - maximum voltage that can be applied
while maintaining off state measured at IDRM
VS (switching voltage) - maximum voltage prior to switching to on-state
measured at 100 V/µs
VT (on-state voltage) - maximum voltage measured at rated on-state
current
IDRM (leakage current) - maximum peak off-state current measured at
VDRM
IS (switching current) - maximum current required to switch to on state
IT (on-state current) - maximum rated continuous on-state current
IH (holding current) - minimum current required to maintain on state
CO (off-state capacitance) - typical off-state capacitance measured at 1
MHz with a 2 V bias
+l
+V
-V
IT
IS
IH
IDRM
VDRM
VT
VS
-l
General Notes:
• All measurements are at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C.
• IPP is a repetitive surge rating and is designed to be maintained for the life of the product.
• The devices are bidirectional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
Typical Performance Characteristics


Similar Part No. - FVC3100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FVC3100 BOURNS-FVC3100 Datasheet
201Kb / 3P
Voltage Control Devices
More results

Similar Description - FVC3100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC4410 MICROSEMI-GC4410_1 Datasheet
157Kb / 4P
CONTROL DEVICES - HIGH VOLTAGE PIN DIODES
GC4510 MICROSEMI-GC4510 Datasheet
171Kb / 4P
CONTROL DEVICES High Voltage NIP Diodes TM
GC4701 MICROSEMI-GC4701 Datasheet
179Kb / 5P
TM CONTROL DEVICES - LIMITER DIODES
GC4902 MICROSEMI-GC4902 Datasheet
137Kb / 2P
CONTROL DEVICES - BEAMLEAD PIN DIODES
GC41873-012S MICROSEMI-GC41873-012S Datasheet
149Kb / 2P
CONTROL DEVICES - MONOLITHIC SPST PIN
logo
Bourns Electronic Solut...
FVC BOURNS-FVC Datasheet
201Kb / 3P
Voltage Control Devices
logo
M/A-COM Technology Solu...
M521 MA-COM-M521 Datasheet
103Kb / 3P
Positive Voltage Control of GaAs MMIC Control Devices
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
Monitoring and Control Devices
logo
Greystone Energy System...
AE-LPI-X GREYSTONE-AE-LPI-X Datasheet
434Kb / 4P
MISCELLANEOUS CONTROL DEVICES
DES GREYSTONE-DES Datasheet
434Kb / 4P
MISCELLANEOUS CONTROL DEVICES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com