Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2LP-6R0-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HC2LP-6R0-R
Description  Compact footprint for high density, high current/low voltage applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HC2LP-6R0-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HC2LP-6R0-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HC2LP-6R0-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Compact footprint for high density, high
current/low voltage applications
• Foil technology that adds higher reliability factor
over the traditional magnet wire used for higher
frequency circuit designs
• Frequency Range up to 1MHz
• Ferrite core material
Applications
• Next generation microprocessors
• Energy storage applications
• DC-DC converters
• Computers
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +85°C
(range is application specific).
• Solder reflow temperature: +260°C max. for 10 seconds
max.
Packaging
• Supplied in tape and reel packaging, 44mm width,
130 parts per 13" reel
Part
Rated
OCL (1)
Irms (2)
Isat (3)
DCR (4)
Volts (5)
Number
Inductance
µH ± 20%
Amperes
Amperes
Ohms
µSec
µH
(Typ.)
(Typ.)
(Max.)
HC2LP-R47-R
.47
.52
52.9
63.75
.0006
6.87
HC2LP-R68-R
.68
.63
52.9
50.00
.0006
6.87
HC2LP-1R0-R
1.0
1.15
33.0
42.50
.0013
10.31
HC2LP-2R2-R
2.2
2.00
24.3
31.90
.0023
13.75
HC2LP-4R7-R
4.7
4.55
17.0
21.25
.0046
20.62
HC2LP-6R0-R
6.0
6.00
17.0
16.50
.0046
20.62
1) Open Circuit Inductance Test Parameters: 300kHz, 0.250 Vrms, 0.0 Adc
2) DC current for an approximate temperature change of 40°C without core loss.
Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow and proximity of other heat
generating components will affect the temperature rise.
It is recommended that the temperature of the part not exceed 125°C under
worst case operating conditions verified in the end application.
3) Peak current for approximately 30% roll-off
4) Values @ 20°C
5) Applied Volt-Time product (V-µS) across the inductor. This value represents the
applied V-µS at 300KHz necessary to generate a core loss equal to 10% of the
total losses for 40°C temperature rise.
HIGH CURRENT 2LP
Low Profile Power Inductors
Mechanical Diagrams
1
2
19.00
10.00
5.50
5.50
9.5
typ
19.2
max
19.2
max
2.8
typ
2.3
typ
11.18
max
FRONT VIEW
TOP VIEW
SCHEMATIC
RECOMMENDED PCB PAD LAYOUT
HC2LP-xxx
wwllyy R
1
2
1
40.4
+/-0.1
44.0
+/-0.3
11.3
32
19.3
A
1.7
20.2
2.0
1.5Dia +0.10
-0.00
4.0
A
User direction of feed
SECTION A-A
19.3
Packaging Information
Dimensions in Millimeters
Parts packaged on 13" Diameter reel,
130 parts per reel.
xxx = Inductance value
wwllyy = Date code R = Revision level
RoHS
2002/95/EC


Similar Part No. - HC2LP-6R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HC2LP-6R0-R COOPER-HC2LP-6R0-R Datasheet
187Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Eaton All Rights Reserv...
HC2LP-6R0-R EATON-HC2LP-6R0-R Datasheet
340Kb / 4P
Low profile, high current power inductors
More results

Similar Description - HC2LP-6R0-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4853 SANYO-2SC4853 Datasheet
111Kb / 4P
Low-Voltage, Low-Current High-Frequency Amp Applications
2SC4854 SANYO-2SC4854 Datasheet
109Kb / 4P
Low-Voltage, Low-Current High-Frequency Amp Applications?
2SC4855 SANYO-2SC4855 Datasheet
110Kb / 4P
Low-Voltage, Low-Current & High-Frequency Amp Applications?
2SC5537 SANYO-2SC5537 Datasheet
32Kb / 3P
Low-Voltage, Low-Current High-frequency Amplifier Applications
logo
List of Unclassifed Man...
GWX-38 ETC-GWX-38 Datasheet
53Kb / 1P
Miniature size for high density applications
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A Datasheet
60Kb / 5P
Low-Voltage, Low-Current High-Frequency Amplifier Applications
logo
Cooper Bussmann, Inc.
HC3-4R7-R COOPER-HC3-4R7-R Datasheet
92Kb / 2P
High Density, high current/low voltage applications
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
Excellent for high density applications
logo
Infineon Technologies A...
BFR460L3 INFINEON-BFR460L3_13 Datasheet
602Kb / 8P
For low voltage / low current applications
2013-09-13
logo
Kycon, Inc.
K61X KYCON-K61X Datasheet
722Kb / 1P
High Density Right Angle PCB Mount Compact Footprint
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com