Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEPE510JS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NEPE510JS
Description  SPECIFICATIONS FOR BLUISH-GREEN LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NEPE510JS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NEPE510JS Datasheet HTML 1Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 2Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 3Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 4Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 5Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 6Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 7Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 8Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NICHIA STS-DA1-2524A <Cat.No.120801>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.70
3.45
V
Reverse Current
-
-
50
µA
W
7.2
10.2
V
5.1
7.2
Luminous Intensity
U
3.6
5.1
cd
Color Ranks
Rank C0
x
0.0400
0.0400
0.1200
0.1200
0.0790
y
0.4110
0.5181
0.4681
0.4000
0.4000
Rank D0
Rank E0
x
0.0400
0.0542
0.1300
0.1200
x
0.0542
0.0780
0.1450
0.1300
y
0.5181
0.6060
0.5326
0.4681
y
0.6060
0.6665
0.5791
0.5326
* Ranking at TA=25°C.
* Tolerance of measurements of the Forward Voltage is ±0.05V.
* Tolerance of measurements of the Luminous Intensity is ±10%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.012.
* A shipment shall consist of LEDs in a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.
Luminous Intensity Ranks by Color Rank
Ranking by
Luminous Intensity
Ranking by
Color Coordinates
U
V
W
C0,D0
E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com